Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4110 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IST4110
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4110 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IST4110 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4110 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4110 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Triacs
IST4110
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM, TJ= 25℃
15
uA
IDRM
Repetitive peak off-state current
VD=VDRM, TJ= 25℃
15
uA
IGT
Gate trigger current
Ⅰ
VD=12V, RL = 33 Ω
50
mA
Ⅱ
50
Ⅲ
50
IH
Holding current
IGT= 500mA
70
mA
VGT
Gate trigger voltage all quadrant
VD=12V, RL = 33 Ω
1.3
V
VTM
On-state voltage
IT= 120A, tp= 380us
1.9
V
PACKAGE OUTLINE
Dimensions in mm
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com