Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC85 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC85
Description  4-BIT MAGNITUDE COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC85 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC85 Datasheet HTML 1Page - STMicroelectronics M74HC85 Datasheet HTML 2Page - STMicroelectronics M74HC85 Datasheet HTML 3Page - STMicroelectronics M74HC85 Datasheet HTML 4Page - STMicroelectronics M74HC85 Datasheet HTML 5Page - STMicroelectronics M74HC85 Datasheet HTML 6Page - STMicroelectronics M74HC85 Datasheet HTML 7Page - STMicroelectronics M74HC85 Datasheet HTML 8Page - STMicroelectronics M74HC85 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC85
M74HC85
December 1992
4-BIT MAGNITUDE COMPARATOR
B1R
(Plastic Package)
ORDER CODES :
M54HC85F1R
M74HC85M1R
M74HC85B1R
M74HC85C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
DESCRIPTION
.
HIGH SPEED
tPD = 22 ns (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS85
The M54/74HC85 is a high speed CMOS 4-BIT
MAGNITUDE COMPARATOR fabricated in silicon
gate C
2MOS technology. It has the same high
speed performance of LSTTL combined with true
CMOS low power consumption. This comparator
compares two 4-bit words and provides a high volt-
age level on one of the A > B out, A = B out and A < B
out outputs. The comparing bit number is easily ex-
panded by cascading several devices as shown in
the typical application. All inputs are equipped with
protection circuits against static discharge and tran-
sient excess voltage.
1/11


Similar Part No. - M74HC85

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC85 STMICROELECTRONICS-M74HC85 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
M74HC85B1R STMICROELECTRONICS-M74HC85B1R Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
M74HC85M1R STMICROELECTRONICS-M74HC85M1R Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
M74HC85RM13TR STMICROELECTRONICS-M74HC85RM13TR Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
More results

Similar Description - M74HC85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com