Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5502_06 Datasheet HTML 35Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 36Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 37Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 38Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 39Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 40Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 41Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 42Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
www.ti.com
3.3.4
External Bus Selection Register (XBSR)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The External Bus Selection Register controls the mode of the Parallel Port Mux, Host Port Mux, and the
Serial Port 2 Mux. The Parallel Port Mux can be configured to support the 32-bit EMIF or to support the
HPI in 16-bit (non-multiplexed) mode and parallel general-purpose I/O. The Host Port Mux can be
configured to support the HPI in 8-bit (multiplexed) mode or parallel general-purpose I/O (PGPIO). The
Serial Port 2 Mux can be configured to support either the McBSP2 or the UART and general-purpose I/O.
The XBSR configures the Parallel Port Mux and the Host Port Mux at reset based on the state of the
GPIO6 pin at reset. When GPIO6 is high at reset, the Parallel Port Mux will be configured to support the
32-bit EMIF and the Host Port Mux will be configured to support the HPI in 8-bit (multiplexed) mode. When
GPIO6 is low at reset, the Parallel Port Mux will be configured to support the HPI in 16-bit
(non-multiplexed) mode and parallel general-purpose I/O (PGPIO) and the Host Port Mux will be
configured to support parallel general-purpose I/O. The Paralle/Host Port Mux Mode bit of the XBSR will
reflect the mode selected for the Parallel and Host Port Muxes. (1)
The XBSR configures the Serial Port 2 Mux based on the state of the GPIO7 pin at reset. When GPIO7 is
high at reset, the Serial Port 2 Mux will be configured to support the McBSP2. When GPIO7 is low at
reset, the Serial Port 2 Mux will be configured to support the UART and general-purpose I/O (PGPIO). The
Serial Port 2 Mux Mode bit of the XBSR will reflect the mode selected for the Serial Port 2 Mux. (1)
The clock to the McBSP2, UART, and EMIF modules is disabled automatically when these modules are
not selected through the External Bus Selection Register. Note that any accesses to disabled modules will
result in a bus error if the PERITOEN bit of the Time-Out Control Register is set to 1.
(1)
Modifying the XBSR to change the mode of the Parallel Port Mux, Host Port Mux, and Serial Port 2 Mux after the 5502 has been
brought out of reset is not supported.
15
8
Reserved
R, 00000000
7
4
3
2
1
0
Serial Port 2
Parallel /Host
Reserved
Reserved(1)
Reserved
Mux Mode
Port Mux Mode
R, 0000
R/W, 0
R/W, GPIO7
R, 0
R/W, GPIO6
LEGEND: R = Read, W = Write, n = value at reset
(1)
This reserved bit must be kept as zero during any writes to XBSR.
Figure 3-3. External Bus Selection Register Layout (0x6C00)
Submit Documentation Feedback
Functional Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com