Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC86
Description  QUAD EXCLUSIVE OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC86 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC86 Datasheet HTML 1Page - STMicroelectronics M74HC86 Datasheet HTML 2Page - STMicroelectronics M74HC86 Datasheet HTML 3Page - STMicroelectronics M74HC86 Datasheet HTML 4Page - STMicroelectronics M74HC86 Datasheet HTML 5Page - STMicroelectronics M74HC86 Datasheet HTML 6Page - STMicroelectronics M74HC86 Datasheet HTML 7Page - STMicroelectronics M74HC86 Datasheet HTML 8Page - STMicroelectronics M74HC86 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC86
M74HC86
December 1992
QUAD EXCLUSIVE OR GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC86F1R
M74HC86M1R
M74HC86B1R
M74HC86C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS86
The M54/74HC86 is a high speed CMOS QUAD
EXCLUSIVE OR GATE fabricated in silicon gate
C
2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
Input and output buffer are installed, which enables
high noise immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/9


Similar Part No. - M74HC86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC86 STMICROELECTRONICS-M74HC86 Datasheet
178Kb / 8P
QUAD EXCLUSIVE OR GATE
Jul-2001
M74HC86-1 STMICROELECTRONICS-M74HC86-1 Datasheet
178Kb / 8P
QUAD EXCLUSIVE OR GATE
Jul-2001
M74HC86B1R STMICROELECTRONICS-M74HC86B1R Datasheet
178Kb / 8P
QUAD EXCLUSIVE OR GATE
Jul-2001
M74HC86M1R STMICROELECTRONICS-M74HC86M1R Datasheet
178Kb / 8P
QUAD EXCLUSIVE OR GATE
Jul-2001
M74HC86RM13TR STMICROELECTRONICS-M74HC86RM13TR Datasheet
178Kb / 8P
QUAD EXCLUSIVE OR GATE
Jul-2001
More results

Similar Description - M74HC86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
QUAD EXCLUSIVE OR GATE
Feb-1999
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com