Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSN-1D Datasheet(PDF) 4 Page - Clarke International

Part # CSN-1D
Description  AIR STAPLE/NAIL GUN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSN-1D Datasheet(HTML) 4 Page - Clarke International

  CSN-1D Datasheet HTML 1Page - Clarke International CSN-1D Datasheet HTML 2Page - Clarke International CSN-1D Datasheet HTML 3Page - Clarke International CSN-1D Datasheet HTML 4Page - Clarke International CSN-1D Datasheet HTML 5Page - Clarke International CSN-1D Datasheet HTML 6Page - Clarke International CSN-1D Datasheet HTML 7Page - Clarke International CSN-1D Datasheet HTML 8Page - Clarke International CSN-1D Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY SYMBOLS
PREPARING THE STAPLE/NAIL GUN FOR USE
CONNECTION TO THE COMPRESSED AIR SYSTEM
1. Ensure that the pressure supplied by the compressed air system does not
exceed the maximum allowable pressure of the staple/nail gun See
“Specification” on page 8.
2. Make sure that the safety yoke is not depressed.
3. Connect the staple/nail gun to the compressed air supply using suitable
hose equipped with quick-action connectors.
4. Check for proper functioning by applying the muzzle of the staple/nail gun
to a piece of wood and actuating the trigger once or twice.
Read manual
before use
Wear ear defenders
Wear suitable eye
protection
Do not use on
scaffolding or ladders
May only be used
with an effective
safety yoke
CAUTION: READ AND OBSERVE THESE OPERATING INSTRUCTION BEFORE
USING THE STAPLE/NAIL GUN.
WARNING: ENSURE THE AIR SUPPLY IS CLEAN AND DOES NOT EXCEED
100PSI WHILE OPERATING THE NAIL/STAPLE GUN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com