Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON305 Datasheet(PDF) 4 Page - Clarke International

Part # CON305
Description  12” VENTILATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON305 Datasheet(HTML) 4 Page - Clarke International

  CON305 Datasheet HTML 1Page - Clarke International CON305 Datasheet HTML 2Page - Clarke International CON305 Datasheet HTML 3Page - Clarke International CON305 Datasheet HTML 4Page - Clarke International CON305 Datasheet HTML 5Page - Clarke International CON305 Datasheet HTML 6Page - Clarke International CON305 Datasheet HTML 7Page - Clarke International CON305 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
This product can be connected to one of the following power supplies:
• 110V generator
• 110V isolating transformer
• 110V site supply
• 230V generator via a 110V transformer.
Connecting it to any other power source may cause damage.
This product includes a fitted industrial plug to BS-EN
60309, and a cable for use with a 110 volt supply. On
no account must a 230V, 13amp (BS1363) plug be
used.
If using a portable 110V transformer make sure it has a
rated capacity sufficient to take the load of the fan.
Should the plug need changing at any time, ensure
that a plug of identical specification is used and
proceed as follows:
1. Undo the socket screws & remove the rear section.
2. Rotate the cable clamp clear of the terminals.
3. Feed the cable through the rear gland in the plug.
4. Remove the cable sheath to the required lengths
as shown in the diagram.
5. Terminate the correct wires in the
correct terminal blocks as shown.
6. Remove the cable clamp screws. Clip
the cable clamp back into position and
place the clamp around the outer
sheath of the cable. Replace the screws
and tighten until the cable is securely
held.
7. Replace the rear cover and tighten the cover screws.
If in any doubt, consult a qualified electrician. DO NOT attempt any repairs
yourself.
WARNING! READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO A
POWER SUPPLY.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com