Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC692F1R Datasheet(PDF) 14 Page - STMicroelectronics

Part # M54HC692F1R
Description  HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC692F1R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M54HC692F1R Datasheet HTML 10Page - STMicroelectronics M54HC692F1R Datasheet HTML 11Page - STMicroelectronics M54HC692F1R Datasheet HTML 12Page - STMicroelectronics M54HC692F1R Datasheet HTML 13Page - STMicroelectronics M54HC692F1R Datasheet HTML 14Page - STMicroelectronics M54HC692F1R Datasheet HTML 15Page - STMicroelectronics M54HC692F1R Datasheet HTML 16Page - STMicroelectronics M54HC692F1R Datasheet HTML 17Page - STMicroelectronics M54HC692F1R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
(Q)
2.0
50
25
60
75
90
ns
4.5
7
121519
6.0
6
101315
tTLH
tTHL
Output Transition
Time
(RCO)
2.0
50
30
75
95
115
ns
4.5
8
151923
6.0
7
131620
tPLH
tPHL
Propagation
Delay Time
(CCK - Q)
2.0
50
82
205
255
310
ns
4.5
26
41
51
62
6.0
22
35
43
53
2.0
150
95
235
295
255
ns
4.5
30
47
59
71
6.0
26
40
50
60
tPLH
tPHL
Propagation
Delay Time
(RCK - Q)
2.0
50
86
210
265
315
ns
4.5
27
42
53
63
6.0
23
36
45
54
2.0
150
99
240
300
360
ns
4.5
31
48
60
72
6.0
26
41
51
61
tPLH
tPHL
Propagation
Delay Time
(CCK - RCO)
2.0
50
65
165
205
250
ns
4.5
21
33
41
50
6.0
18
28
35
43
tPLH
tPHL
Propagation
Delay Time
(R/C - Q)
2.0
50
59
145
180
220
ns
4.5
18
29
36
44
6.0
15
25
31
37
2.0
150
72
175
220
265
ns
4.5
22
35
44
53
6.0
19
30
37
45
tPLH
tPHL
Propagation
Delay Time
(ENT - RCO)
2.0
50
36
100
125
150
ns
4.5
12
20
25
30
6.0
10
17
21
26
tPHL
Propagation
Delay Time
(CCLR - Q)
(for HC690/691)
2.0
50
91
225
280
340
ns
4.5
29
45
56
68
6.0
25
38
48
58
2.0
150
104
255
320
385
ns
4.5
33
51
64
77
6.0
28
43
54
65
tPHL
Propagation
Delay Time
(RCLR - Q)
(for HC690/691)
2.0
50
86
210
265
315
ns
4.5
27
42
53
63
6.0
23
36
45
54
2.0
150
100
240
300
360
ns
4.5
31
48
60
72
6.0
26
41
51
61
tPHL
Propagation
Delay Time
(CCLR - RCO)
(for HC690/691)
2.0
50
70
175
220
265
ns
4.5
22
35
44
53
6.0
19
30
37
45
M54/M74HC690/691/692/693
14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com