Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4753513 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4753513
Description  HALOGEN CAPSULE LAMP G9 240V 40W 1500HRS FROSTED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4753513 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4753513 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
g
GECP - Lighting
DOC.TYPE:
SUBJECT:
DRAWING No.:
SPECIFICATION
HALOGEN CAPSULE LAMP G9
DATA SHEET
240V 40W 1500HRS
FILE ID.:
FROSTED
4753513
©
2003 GECP Lighting
4753513, PRINTED: 09/12/03 11:42
Page 1 of 1
Date:
22.01.03.
GENERAL INFORMATION
TECHNICAL DATA
CODE:
VOLTAGE
240V
SKU 10815
WATTAGE
40 W
CAP:
G9
RATED WATTAGE
40 W + 8%
BULB:
UV control
APPLICATION
GENERAL LIGHTING
BURNING POSITION
Universal
RATED LUMENS
465 lm –15%
PERMISSIBLE PINCH
TEMPERATURE
Max.350
°C
LIFETIME
1500 hours
PERMISSIBLE BULB
TEMPERATURE
Min.250 °C / Max. 900°C
FINISH
Frosted
COLOR
2800K
DIMENSIONS (mm)
A
B
min. nom.
13.0
max.
52.0
Relevant Standards: IEC 60432, IEC 60357, IEC 60061


Similar Part No. - 4753513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
475350001 MOLEX6-475350001 Datasheet
120Kb / 3P
2.54mm (.100") Pitch SIM Card Connector, Dome Type, 6 Circuits, Housing Height 0.95mm (.037"), Lead Free
More results

Similar Description - 4753513

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
Chicago Miniature Lamp,...
CM449X12V CML-CM449X12V Datasheet
221Kb / 1P
Marine Halogen Lamp
CM1964 CML-CM1964 Datasheet
234Kb / 1P
Axial Filament Halogen Lamp
logo
LSI Computer Systems
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
Visual Communications C...
CM1964 VCC-CM1964 Datasheet
87Kb / 1P
Axial Filament Halogen Lamp
CM1974 VCC-CM1974 Datasheet
84Kb / 1P
Special Service Halogen Lamp
logo
Molex Electronics Ltd.
130191-0055 MOLEX11-130191-0055 Datasheet
35Kb / 1P
Lamp 300 Watt Halogen
1301910055 MOLEX11-1301910055 Datasheet
27Kb / 1P
Lamp 300 Watt Halogen
logo
LSI Computer Systems
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com