Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3003 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP3003
Description  Pole Female Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP3003 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP3003 Datasheet HTML 1Page - Electronic Components Ltd. CP3003 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For applications where Metal Body Connectors are specified, our ‘M’ Series will meet the most se-
vere specifications. All Electrical Contact parts are silver plated by a process to give low noise lev-
els. No increase in noise level may be expected over 5000 Plug / Un-Plug Operations. Black finish
is available subject to viable quantity. Large solder bucket contacts are used to make wiring easy.
FC6100
3ACF/M
3 Pole Female Socket
We also make plastic PCB
versions of 3 pin XLR
FC6105
3ACM/M
3 Pole Male Socket
We also make plastic PCB
versions of 3 pin XLR
FC6170
5ACF/M
5 Pole Female Socket
We also make plastic PCB
versions of 5 pin XLR
FC6175
5ACM/M
5 Pole Male Socket
We also make plastic PCB
versions of 5 pin XLR
FC6187
7ACF/M
7 Pole Female Socket
FC6185
7ACM/M
7 Pole Male Socket
FC6140
3APF/M
3 Pole Female Plug
Screw up collet,
6 element cable clamp
FC6130
3APM/M
3 Pole Male Plug
Screw up collet,
6 element cable clamp
FC6150
4APF/M
4 Pole Female Plug
Screw up collet,
6 element cable clamp
FC6155
4APM/M
4 Pole Male Plug
Screw up collet,
6 element cable clamp
FC6165
5APF/M
5 Pole Female Plug
Screw up collet,
6 element cable clamp
FC6160
5APM/M
5 Pole Male Plug
Screw up collet,
6 element cable clamp
FC6182
7APF/M
7 Pole Female Plug
Screw pressure cable
clamp
FC6180
7APM/M
7 Pole Male Plug
Screw pressure cable
clamp
FC6120
4ACF/M
4 Pole Female Socket
FC6125
4ACM/M
4 Pole Male Socket


Similar Part No. - CP3003

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP3003 CLIFF-CP3003 Datasheet
216Kb / 1P
XLR PLUGS
CP3003 - APF CLIFF-CP3003 - APF Datasheet
216Kb / 1P
XLR PLUGS
logo
Kontron
CP3003-SA KONTRON-CP3003-SA Datasheet
1Mb / 7P
3RD GEN. INTEL® CORE™ 3U COMPACTPCI CPU BOARD
More results

Similar Description - CP3003

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA2FBNC NEUTRIK-NA2FBNC Datasheet
50Kb / 2P
3 pole XLR female ??BNC socket
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
logo
Schurter Inc.
4850.2710 SCHURTER-4850.2710_V01 Datasheet
237Kb / 2P
, 7-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510_V01 Datasheet
235Kb / 2P
, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2400 SCHURTER-4850.2400_V01 Datasheet
241Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310_V01 Datasheet
235Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300_V01 Datasheet
241Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2410 SCHURTER-4850.2410_V01 Datasheet
233Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2400 SCHURTER-4850.2400_V02 Datasheet
240Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com