Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDG1026KC-R5E Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TDG1026KC-R5E
Description  CPLR RJ45 F/F CAT5E RT ANGLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TDG1026KC-R5E Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TDG1026KC-R5E Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.580
14.73
.760
19.30
F
NOTES:
MATERIAL:
1.
HOUSING: ABS, UL94V-0 RATED, COLOR: BLACK
CONTACTS: PHOSPHOROUS BRONZE
FINISH:
2.
CONTACTS: 50µ" MIN NICKEL UNDERPLATING OVERALL
50µ" GOLD IN CONTACT AREA
ELECTRICAL:
3.
RATING: CATEGORY 5E
WIRING: STRAIGHT THROUGH
MISCELLANEOUS:
4.
OPERATING TEMPERATURE: -10°C TO +70°C
JACK CONFORMS TO TIA-1096
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
D. DESJARDIN
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
TDG1026KC-R5E
F
TDG1026KC-R5E.SLDDRW
11
10/27/2008
REVISIONS
DESCRIPTION
APPROVED
REV
ENG
DATE
ENG
10/27/2008
6/17/13
E
F
ECN 6881: REVISED PANEL OPENING. ADDED PACKAGING
ECN 7928: ADDED -10°C TO 70°C TEMP RATING. ADDED DETAIL MTL NOTES
4/29/15
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
10/27/2008
43321
TELECOM/MODULAR
PROJECTION
CPLR RJ45 F/F CAT5E RT ANGLE
D. PARHAM
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
POSITION 1
1.00
25.4
14.6
.58
1.38
35.1
19.2
.76
16.1
.64
2X .31
7.9
POSITION 1
.72
18.3
RECOMMENDED
PANEL OPENING


Similar Part No. - TDG1026KC-R5E

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TDG1026KC-R6 L-COM-TDG1026KC-R6 Datasheet
62Kb / 1P
CPLR RJ45 F/F CAT6 RT ANGLE
11/7/12
More results

Similar Description - TDG1026KC-R5E

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Winchester Electronics ...
SDKN-99-67 WINCHESTER-SDKN-99-67 Datasheet
51Kb / 1P
ADAPTER, F-F, BULKHEAD, ANGLE, N
logo
Tyco Electronics
219413-2 MACOM-219413-2 Datasheet
109Kb / 1P
CABLE, CAT5E, F/UTP, SOLID, PR04, AWG24, PVC
logo
Tripp Lite. All Rights ...
B090A9FX TRIPPLITE-B090A9FX Datasheet
497Kb / 2P
Modular Serial Adapter Crossover Wiring (DB9 F to RJ45 F)
logo
PHOENIX CONTACT
1419886 PHOENIX-1419886 Datasheet
64Kb / 3P
Contact insert module - HC-M-RJ45-08-GC-F/F
logo
Tripp Lite. All Rights ...
N032-001 TRIPPLITE-N032-001 Datasheet
163Kb / 2P
Cat5e Straight Through Modular Shielded In-Line Coupler (RJ45 F/F)
N033-001 TRIPPLITE-N033-001 Datasheet
153Kb / 2P
Telephone Straight Through Modular In-Line Coupler (RJ45 F/F)
logo
HARTING Technology Grou...
09-12-011-3111 HARTING-09-12-011-3111 Datasheet
463Kb / 2P
Han Q-Data RJ45-F
2021-10-01
33-50-399-8141-010 HARTING-33-50-399-8141-010 Datasheet
529Kb / 2P
FB Hybrid PFT f/RJ45fl ang/- 1.0m
2021-12-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com