Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDG1026KC-R6 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TDG1026KC-R6
Description  CPLR RJ45 F/F CAT6 RT ANGLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TDG1026KC-R6 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TDG1026KC-R6 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14.86
.585
.765
19.43
NORTH ANDOVER, MA
DATE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
43321
TELECOM/MODULAR
D.FRISIELLO
6
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
D. DESJARDIN
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
M. SEDLESKI
1
ECN 6614: REVISED DIMENSIONS TO RECOMMENDED PANEL CUTOUT
B
TDG1026KC-R6.SLDDRW
TDG1026KC-R6
1
11/7/12
REVISIONS
DESCRIPTION
APPROVED
REV
11/7/12
A
D.GRIFFIN
11/7/12
11/7/12
INITIAL RELEASE
CPLR RJ45 F/F CAT6 RT ANGLE
5
1/11/13
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
MAY OCCUR
8
D. GALLAGHER
COLOR VARIATIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
PROJECTION
CATEGORY
B
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
NOTES:
MATERIAL:
COUPLER HOUSING: POLYCARBONATE RESIN HIGH-IMPACT UL94V-0 THERMOPLASTIC.
COLOR, BLACK
CONTACTS: PHOSPHOR BRONZE, 50 µINCHES GOLD PLATE OVER 100 µINCHES
NICKEL PLATE.
ELECTRICAL:
CURRENT RATING: 1.5 AMPS
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS AC.
MISCELLANEOUS:
OPERATING TEMPERATURE RANGE: -10°C TO +60°C
APPLICATION: CATEGORY 6.
WIRING: STRAIGHT THROUGH.
PANEL THICKNESS: .065" [1.65mm] MAX.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
B
1.42
36.1
8.0
.31
19.2
.76
9.7
.38
.66
16.7
POSITION 1
POSITION 1
.57
14.6
.64
16.2
RECOMMENDED
PANEL OPENING


Similar Part No. - TDG1026KC-R6

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TDG1026KC-R5E L-COM-TDG1026KC-R5E Datasheet
61Kb / 1P
CPLR RJ45 F/F CAT5E RT ANGLE
10/27/2008
More results

Similar Description - TDG1026KC-R6

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Tripp Lite. All Rights ...
N235-001-WH TRIPPLITE-N235-001-WH Datasheet
501Kb / 2P
Cat6 Straight-Through Modular In-Line Snap-In Coupler (RJ45 F/F), White
N261-006-6FF-BL TRIPPLITE-N261-006-6FF-BL Datasheet
489Kb / 2P
Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 6 ft.
N261-010-6FF-BL TRIPPLITE-N261-010-6FF-BL Datasheet
489Kb / 2P
Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 10 ft.
N261-015-6FF-BL TRIPPLITE-N261-015-6FF-BL Datasheet
489Kb / 2P
Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 15 ft.
N234-001-SH TRIPPLITE-N234-001-SH Datasheet
161Kb / 3P
Cat6 Straight-Through Modular Shielded Compact In-Line Coupler (RJ45 F/F), TAA
N234-001-WH TRIPPLITE-N234-001-WH Datasheet
154Kb / 3P
Cat6 Straight-Through Modular Compact In-Line Coupler (RJ45 F/F), White, TAA
N235-001 TRIPPLITE-N235-001 Datasheet
158Kb / 2P
Cat6 Straight Through Modular In-line Snap-in Coupler (RJ45 F/F), TAA
N235-001-SH TRIPPLITE-N235-001-SH Datasheet
158Kb / 2P
Cat6 Straight Through Modular Shielded In-line Snap-in Coupler (RJ45 F/F), TAA
logo
PHOENIX CONTACT
1658118 PHOENIX-1658118 Datasheet
55Kb / 2P
Patch panels - VS-PP-F-RJ45-CAT6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com