Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV991AIYD Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV991AIYD
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV991AIYD Datasheet(HTML) 2 Page - STMicroelectronics

  TSV991AIYD Datasheet HTML 1Page - STMicroelectronics TSV991AIYD Datasheet HTML 2Page - STMicroelectronics TSV991AIYD Datasheet HTML 3Page - STMicroelectronics TSV991AIYD Datasheet HTML 4Page - STMicroelectronics TSV991AIYD Datasheet HTML 5Page - STMicroelectronics TSV991AIYD Datasheet HTML 6Page - STMicroelectronics TSV991AIYD Datasheet HTML 7Page - STMicroelectronics TSV991AIYD Datasheet HTML 8Page - STMicroelectronics TSV991AIYD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute maximum ratings and operating conditions
TSV991-TSV992-TSV994
2/18
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
Value with respect to VDD pin.
6V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input voltage (3)
3.
VCC-Vin must not exceed 6V.
VDD-0.2 to VCC+0.2
V
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4) (5)
SOT23-5
SO-8
MiniSO-8
SO-14
TSSOP14
4.
Short-circuits can cause excessive heating and destructive dissipation.
5.
Rth are typical values.
250
125
190
103
100
°C/W
Rthjc
Thermal resistance junction to case
SOT23-5
SO-8
MiniSO-8
SO-14
TSSOP14
81
40
39
31
32
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(6)
6.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
5kV
MM: machine model(7)
7.
Machine model: 200pF is charged to the specified voltage, then discharged directly between two pins of
the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin combinations
with other pins floating.
400
V
CDM: charged device model(8)
SOT23-5, SO-8, MiniSO-8
TSSOP14
SO-14
8.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1500
750
500
V
Latch-up immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com