Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT02
Description  QUAD 2-INPUT NOR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT02 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT02 Datasheet HTML 1Page - STMicroelectronics M74HCT02 Datasheet HTML 2Page - STMicroelectronics M74HCT02 Datasheet HTML 3Page - STMicroelectronics M74HCT02 Datasheet HTML 4Page - STMicroelectronics M74HCT02 Datasheet HTML 5Page - STMicroelectronics M74HCT02 Datasheet HTML 6Page - STMicroelectronics M74HCT02 Datasheet HTML 7Page - STMicroelectronics M74HCT02 Datasheet HTML 8Page - STMicroelectronics M74HCT02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HCT02
M74HCT02
February 1993
QUAD 2-INPUT NOR GATE
B1R
(Plastic Package)
ORDER CODES :
M54HCT02F1R
M74HCT02M1R
M74HCT02B1R
M74HCT02C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 11 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS02
The M54/74HCT02 is a high speed CMOS QUAD
2-INPUT NOR GATE fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption. The internal circuit is com-
posed of 3 stages including buffer output, which
gives high noise immunity and stable output. All in-
puts are equipped with protection circuits against
static discharge and transient excess voltage.
This integrated circuit has input and output charac-
teristics that are fully compatible with 54/74 LSTTL
logic families. M54/74HCT devices are designed to
directly interface HSC
2MOS systems with TTL and
NMOS components. They are also plug in replace-
ments for LSTTL devices giving a reduction of
power consumption.
DESCRIPTION
1/9


Similar Part No. - M74HCT02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT02 STMICROELECTRONICS-M74HCT02 Datasheet
175Kb / 8P
QUAD 2-INPUT NOR GATE
Aug-2001
M74HCT02B1R STMICROELECTRONICS-M74HCT02B1R Datasheet
175Kb / 8P
QUAD 2-INPUT NOR GATE
Aug-2001
M74HCT02M1R STMICROELECTRONICS-M74HCT02M1R Datasheet
175Kb / 8P
QUAD 2-INPUT NOR GATE
Aug-2001
M74HCT02RM13TR STMICROELECTRONICS-M74HCT02RM13TR Datasheet
175Kb / 8P
QUAD 2-INPUT NOR GATE
Aug-2001
M74HCT02TTR STMICROELECTRONICS-M74HCT02TTR Datasheet
175Kb / 8P
QUAD 2-INPUT NOR GATE
Aug-2001
More results

Similar Description - M74HCT02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
01-Oct-2007
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
01-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com