Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTN80N30L2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXTN80N30L2
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXTN80N30L2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXTN80N30L2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXTN80N30L2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXTN80N30L2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
IXTN80N30L2
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
Typ
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage VGS= 0V; ID= 1mA
300
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 300V; VGS= 0V
--
--
10
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
--
--
±
200
nA
VGS(th)
Gate Threshold Voltage
VDS =VGS; ID= 3mA
2.5
--
5.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 40A
--
--
38
mΩ
VSD
Forward On-Voltage
IS= 80A; VGS= 0V
--
--
1.4
V
Ciss
Input Capacitance
VGS=0V,VDS=25V,f=1MHZ
--
18500
--
pF
Coss
Output Capacitance
--
1650
--
Crss
Reverse Transfer Capacitance
--
450
--
tdon
Turn-on Delay Time
ID=31A,VDD=250V,VGS=15V,
RG=10Ω
--
40
--
ns
tr
Rise Time
--
186
--
tdoff
Turn-Off Delay Time
--
165
--
tf
Fall Time
--
68
--
Qg
Total Gate Charge
ID=31A,VDD=250V,VGS=20V,
--
650
--
nC
Qgs
Gate to Source Charge
--
115
--
Qgd
Gate to Drain
(“Miller”)Charge
--
350
--
trr
Reverse Recovery Time
IS=31A,di/dt=100A/us,
VGS=0V
--
500
--
ns
Qrr
Reverse Recovery Charge
--
960
--
nC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com