Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP05 Datasheet(PDF) 1 Page - FranMar International Inc.

Part # DP05
Description  5Watts SIP Type DC - DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANMAR [FranMar International Inc.]
Direct Link  https://www.franmar.com.tw/
Logo FRANMAR - FranMar International Inc.

DP05 Datasheet(HTML) 1 Page - FranMar International Inc.

  DP05 Datasheet HTML 1Page - FranMar International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5 W atts SIP Type
DC - D C C onverter
DP05
◆5
◆
94 -0
◆ 100%
◆
> 400,000
◆8
◆
W Regulated Output Power
UL
V
Potting Material
Burn In
MTBF
Hours
SIP Package
3 Years Warranty
◆
◆
High Efficiency
Internal Filtering
Your Smart Choice in Power
Quality Products , Fast response , Low cost
www.franmar.com.tw
SERIES
Input Voltage Range .............................................................
2:1
Input Filter............................................................Capacitor Type
Voltage Set-Point Accuracy.......................................± 2% max.
Temperature Coefficient............................................± 0.05%/ C
Ripple & Noise (20MHz BW).................................100mVp-p max.
Line Regulation ......................................................±
. % max.
Load Regulation ....................................................±
% max.
Short Circuit Protection ...........................................
Continuous
Efficiency....................................................................... 79% min.
Isolation Vo ltage ................................................1500VDC
Isolation Resistance.................................................... 10
min.
Switching Frequency................................................ 100KHz min
Isolation Capacitance ............................................... 80pF max.
Operating Temperature
...................................
-40 C To +60 C
Storage Temperature .....................................
-55 C To +105 C
Cooling........................................................
Free-Air Convection
O
OO
OO
9 Ω
.
1
2
3
05
0.5
3.3Vout
...................................± 1.0% max.
Minimum Load .................................................20% of full load
Case Material......................................... Non-Conductive Plastic
Case Size................................................... 21.8*9.20*11.1 mm
Weight ................................................................................................ 4.8 g
Packing ............................................. 23 pcs / tube ; 2300 pcs per carton
Note:
(1) Line Regulation is for 1.0% change in input Voltage.
(2) Load Regulation is for output Load current change from 20% to 100%.
(3) 1500VDC for 10 seconds
Model
Number
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Output
Current
(mA)
EFF.
%
(min.)
5
81
12
15
85
84
79
81
82
1000
471
333
see note
see note
see note
DP05-x1
DP05-x2
DP05-x3
DP05-x4
DP05-x5
DP05-x6
see note
see note
see note
5
12
15
500
208
167
Note :
x=1, input r ange 9-18VDC
x=2, input r ange 18-36VDC
x=3, input r ange 36-75VDC
Pin#
Single
1
Vi+
2
Vi-
3
Vo+
5
NC
6
Remote
Pin Connection
Vo-
7
8
NC
Dual
Vi+
Vi-
Vo+
NC
On/Off
Com.
Vo-
11.1
(0.44)
5.08
(0.20)
9.20
(0.36)
Bottom View
Front View
1.5K VDC isolation
1
2
8
5
21.8
(0.86)
2.40 (0.09)
2.01 (0.08)
2.54
(0.10)
3
6
7
3.3
80
1200
see note
DP05-x0
(Unit: mm[inch])


Similar Part No. - DP05

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP050S AUK-DP050S Datasheet
55Kb / 3P
PNP Silicon Transistor
logo
DAICO Industries, Inc.
DP0560 DAICO-DP0560 Datasheet
26Kb / 1P
Phase Shifter, 3 Section
More results

Similar Description - DP05

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HPR203 MURATA-PS-HPR203 Datasheet
97Kb / 3P
HPR203 MINIATURE SIP DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ04W33XMA16 SYNQOR-NQ04W33XMA16 Datasheet
528Kb / 13P
SIP DC/DC converter
logo
Powerbox
G01 POWERBOX-G01 Datasheet
503Kb / 1P
5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
CUI INC
VHS1-S5-S5-SIP CUI-VHS1-S5-S5-SIP_11 Datasheet
147Kb / 3P
VHS1-SIP Series Dc-Dc Converter
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S Datasheet
332Kb / 5P
2W DC/DC CONVERTER, SIP-Package
PB01S DELTA-PB01S Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com