Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CD Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR20100CD
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR20100CD Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR20100CD Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR20100CD Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier
MBR20100CD
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· Low High-Temperature Reverse Leakage
APPILICATIONS
· DC-DC Converters
· AC-DC Adaptors
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
repetitive peak reverse voltage
100
V
IF(AV)
Average
output current
Per Leg
10
A
Total
20
A
IFSM
non-repetitive Peak forward surge current,8.3ms,
Single Half Sine-Wave Superimposed on Rated Load
150
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
5.0
℃
/W


Similar Part No. - MBR20100CD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR20100CD DYELEC-MBR20100CD Datasheet
789Kb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
MBR20100CD CHENDA-MBR20100CD Datasheet
577Kb / 2P
40 to 200 Volts Forward Current - 20.0 Amperes
logo
Dongguan City Niuhang E...
MBR20100CD NIUHANG-MBR20100CD Datasheet
2Mb / 5P
SCHOTTKY RECTIFIERS
logo
RFE international
MBR20100CD RFE-MBR20100CD Datasheet
1Mb / 3P
Schottky Diodes
12-12-2022
logo
Diodes Incorporated
MBR20100CD-E1 DIODES-MBR20100CD-E1 Datasheet
495Kb / 13P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 5
More results

Similar Description - MBR20100CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com