Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFGS5030R Datasheet(PDF) 2 Page - Whirlpool.

Part # WFGS5030R
Description  WHIRLPOOL® GAS FREE STANDING RANGES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WFGS5030R Datasheet(HTML) 2 Page - Whirlpool.

  WFGS5030R Datasheet HTML 1Page - Whirlpool. WFGS5030R Datasheet HTML 2Page - Whirlpool. WFGS5030R Datasheet HTML 3Page - Whirlpool. WFGS5030R Datasheet HTML 4Page - Whirlpool. WFGS5030R Datasheet HTML 5Page - Whirlpool. WFGS5030R Datasheet HTML 6Page - Whirlpool. WFGS5030R Datasheet HTML 7Page - Whirlpool. WFGS5030R Datasheet HTML 8Page - Whirlpool. WFGS5030R Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DIMENSION GUIDE
2 of 16
WHIRLPOOL® GAS FREE STANDING RANGES
PRODUCT: WFGS5030R
Legend
Description
in
cm
A*
Grates Top Height
36.67
93.14
B*
Cooking Surface Top Height
36
91.45
C*
Door Top Height
31.33
79.57
D*
Handle Top Height
31.13
79.06
E*
Drawer Height
8.41
21.37
*IMPORTANT: Minimum height dimensions are at the lowest point of the height adjustment range.
When the leveling legs are fully extended, all heights have 11/2" (3.8 cm) of added height.
SIDE VIEW
B
C
D
E
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com