Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL681561 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CL681561
Description  SPRING TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL681561 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CL681561 Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
05/18
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
SPRING TERMINALS
Rated: 48V, 15A. max.
CL681560
SPRING TERMINAL M4L SPT3 RED
CL681561
SPRING TERMINAL M4L STP3 BLACK
CL681570
SPRING TERMINAL M4S SPT2 RED
CL681571
SPRING TERMINAL M4S STP2 BLACK
CL681580
SPRING TERMINAL SPT1 RED
CL681581
SPRING TERMINAL STP1 BLACK
Our family of spring terminals are made from ABS / Brass with a Nickel plated finish.


Similar Part No. - CL681561

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CL681561 CLIFF-CL681561 Datasheet
415Kb / 1P
SPRING TERMINALS
More results

Similar Description - CL681561

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CSC2.5T ALTECH-CSC2.5T Datasheet
782Kb / 8P
FEED-THROUGH Spring Clamp Terminals
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
Screw or spring clamp terminals
logo
PHOENIX CONTACT
FL-SWITCH-5TX PHOENIX-FL-SWITCH-5TX Datasheet
268Kb / 12P
10/100 Mbit/s Five Port Ethernet Switch with screw terminals or spring cage terminals
logo
Schneider Electric
LA1KN403 SCHNEIDER-LA1KN403 Datasheet
133Kb / 2P
Auxiliary contact block, TeSys K, 4NO, front mounting, spring terminals
Sep 7, 2021
LADN023 SCHNEIDER-LADN023 Datasheet
121Kb / 3P
Auxiliary contact block, TeSys D, 2NC, front mounting, spring terminals
Sep 7, 2021
LADN043 SCHNEIDER-LADN043 Datasheet
136Kb / 3P
Auxiliary contact block, TeSys D, 4NC, front mounting, spring terminals
Sep 7, 2021
LADN403 SCHNEIDER-LADN403 Datasheet
136Kb / 3P
Auxiliary contact block, TeSys D, 4NO, front mounting, spring terminals
Sep 7, 2021
LA1KN043 SCHNEIDER-LA1KN043 Datasheet
104Kb / 2P
TeSys K - Auxiliary contact block - 4 NC - spring terminals
Aug 10, 2019
LA1KN203 SCHNEIDER-LA1KN203 Datasheet
93Kb / 2P
TeSys K - Auxiliary contact block - 2 NO - spring terminals
Aug 11, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com