Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SANITARYCLAMP Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # SANITARYCLAMP
Description  Sanitary Clamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

SANITARYCLAMP Datasheet(HTML) 2 Page - NOSHOK, INC.

  SANITARYCLAMP Datasheet HTML 1Page - NOSHOK, INC. SANITARYCLAMP Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
121
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
11SERIES
2-WIRE WIRING
DIN EN 175301-803 Form A
Cable
M12
Bayonet
V+
1
Red
1
A
V-
2
Black
3
B
3-WIRE WIRING
DIN EN 175301-803 Form A
Cable
M12
Bayonet
V+
1
Red
1
A
Common
2
Black
3
B
Output
3
White
4
C
1.36″
(34.5 mm)
Integral 36″
cable
0.68"
(17.3 mm)
*6 pin Bayonet
0.51"
(13 mm)
*M12 x 1
(4-pin)
0.54"
(13.8 mm)
DIN EN 175301-803
Form A with 1/2″ NPT
female conduit
1.65"
(42 mm)
1.06" sq.
(27 mm)
*Note: mate supplied
separately or customer
supplied
1.88"
(48 mm)
1.06" sq.
(27 mm)
1.10" sq.
(28 mm)
2.60"
(66 mm)
0.750"
(19 mm)
0.116"
(2.95 mm)
1.968"
(50 mm)
1-1/2" Sanitary
Clamp
2.520"
(64 mm)
2" Sanitary
Clamp
Integral
cooling
extension
ORDERING INFORMATION
SERIES
110
CLAMP SIZES
12 1-1/2″
16 2″
SEAL FILL FLUID
4 FFL77 White oil
Other food grade quality fill fluids available — please consult factory
TRANSDUCER
615 615 Series transducer
ACCURACIES
1 ±0.25% full scale (BFSL)
2 ±0.125% full scale
PRESSURE
RANGES
01 -30 inHg to 0 psig
16 -30 inHg to 150 psig
37 0 psig to 10 psig
55 0 psig to 160 psig
04 -30 inHg to 15 psig
19 -30 inHg to 200 psig
40 0 psig to 15 psig
58 0 psig to 200 psig
07 -30 inHg to 30 psig
22 -30 inHg to 300 psig
43 0 psig to 30 psig
61 0 psig to 300 psig
10 -30 inHg to 60 psig
31 0 psig to 100 inH2O
46 0 psig to 60 psig
64 0 psig to 400 psig
13 -30 inHg to 100 psig
34 0 psig to 5 psig
49 0 psig to 100 psig
OUTPUT SIGNALS
1 4 mA to 20 mA, 2-wire
3 1 Vdc to 5 Vdc, 3-wire
5 0 Vdc to 10 Vdc, 3-wire
2 0 Vdc to 5 Vdc, 3-wire
4 1 Vdc to 6 Vdc, 3-wire
6 1 Vdc to 11 Vdc, 3-wire
ELECTRICAL
CONNECTIONS
1 DIN EN 175301-803 Form A w/ 36” Cable
14 DIN EN 175301-803 Form A with 1/2″ NPT female conduit
3 6-pin Bayonet
25 M12 X 1 (4-pin)
8 DIN EN 175301-803 Form A
36 Integral 36″ cable
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
110 – 12 – 4 – 615 – 1 – 34 – 1 – 1
Series .....................................................................11 Series
Clamp size...................... 1-1/2" ASME-BPE Sanitary Clamp
Seal fill fluid.................................................FFL77 White oil
Transmitter...........................................................615 Series
Accuracy.......................................±0.25% full scale (BFSL)
Pressure range.............................................0 psig to 5 psig
Output signal .................................... 4 mA to 20 mA, 2-wire
Electrical connection ...DIN EN 175301-803 Form A w/ 36” Cable
EXAMPLE
1.36″
(34.5 mm)
DIN EN 175301-803
Form A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com