Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC1065CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SIC1065CT
Description  SiC Schottky Rectifier Didoe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SIC1065CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SIC1065CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited SIC1065CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIC1065CT
SiC Schottky Rectifier Didoe
www.iscsemi.com
1
FEATURES
· Zero Reverse Recovery Current
· Zero Forward Recovery Voltage
· Positive Temperature Coefficient
· High-Speed Switching
APPLICATIONS
· Power Factor Correction
· Solar inverter
· Motor Drive
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
650
V
IF
Continuous Forward Current
TC=25℃
20
A
TC= 132℃
10
IFSM
Non-repetitive Peak Forward Surge Current,
tp=10ms, Half Sine Pulse
TC=25℃
60
A
I2t
I2t Value,tp=10ms
TC=25℃
18
A2S
PD
Power Dissipation ,TC=25℃
80
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.86
℃
/W


Similar Part No. - SIC1065CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SIC10A065D PANJIT-SIC10A065D Datasheet
434Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
SIC10A065ND PANJIT-SIC10A065ND Datasheet
497Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
SIC10A065ND_R2_00001 PANJIT-SIC10A065ND_R2_00001 Datasheet
497Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
SIC10A065T PANJIT-SIC10A065T Datasheet
468Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
SIC10A065T-AU PANJIT-SIC10A065T-AU Datasheet
469Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
More results

Similar Description - SIC1065CT

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
6DA4 GEC-6DA4 Datasheet
173Kb / 3P
For Tv damping didoe applcations
logo
Semikron International
SK45MLET12SCP SEMIKRON-SK45MLET12SCP Datasheet
275Kb / 4P
SiC Power MOSFET and SiC Schottky
logo
Guangdong Juxing Electr...
1N4148W JUXING-1N4148W Datasheet
777Kb / 3P
400mW Surface Mount Switching Didoe
1N4148WS JUXING-1N4148WS Datasheet
1Mb / 2P
200mW Surface Mount Switching Didoe
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com