Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-RTJRTJ2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-RTJRTJ2
Description  ADPRP-TNC JACK/JACK BULLET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-RTJRTJ2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-RTJRTJ2 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART
OR WHOLE WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY
OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS.
DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.28
32.5
.43
11
.39[9.9] FLATS
2X 7/16-28UNEF-2A
TNC JACK
REVERSE POLARITY
CONNECTOR
TNC JACK
REVERSE POLARITY
CONNECTOR
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
ECO-15130
11/4/2025
DMAY
DWANG
ITEM NO.
REV
CAGE CODE
SIZE
A
DRAWN BY
AXA-RTJRTJ2
A
DESCRIPTION
ADPRP-TNC JACK/JACK BULLET
DMAY
SHEET
SCALE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
NONE
1 OF 1
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
LC DS Rev-D4 Asize


Similar Part No. - AXA-RTJRTJ2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-RTJRTJ L-COM-AXA-RTJRTJ Datasheet
117Kb / 1P
ADP,RP-TNC JACK/JACK BULLET
4/21/10
More results

Similar Description - AXA-RTJRTJ2

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD123-22-5 WINCHESTER-SD123-22-5 Datasheet
56Kb / 1P
JACK TNC
SDKA-39-76 WINCHESTER-SDKA-39-76 Datasheet
51Kb / 1P
JACK, TNC
SDKA-39-79 WINCHESTER-SDKA-39-79 Datasheet
52Kb / 1P
JACK, TNC
SDKA-39-82 WINCHESTER-SDKA-39-82 Datasheet
54Kb / 1P
JACK, TNC
SDKA-39-100-M06 WINCHESTER-SDKA-39-100-M06 Datasheet
48Kb / 1P
TNC JACK
logo
Molex Electronics Ltd.
0733000220 MOLEX11-0733000220 Datasheet
52Kb / 1P
50 Ohms, SMPM Jack/Jack Bullet Adapter, 5.33mm Length
0733000222 MOLEX11-0733000222 Datasheet
52Kb / 1P
50 Ohms, SMPM Jack/Jack Bullet Adapter, 7.06mm Length
0733000223 MOLEX11-0733000223 Datasheet
52Kb / 1P
50 Ohms, SMPM Jack/Jack Bullet Adapter, 8.31mm Length
logo
Bel Fuse Inc.
123-0901-801 BEL-123-0901-801 Datasheet
138Kb / 1P
SMP3 JACK TO SMP3 JACK BULLET ADAPTOR
Rev. 1
logo
Molex Electronics Ltd.
SD-73406-022 MOLEX-SD-73406-022 Datasheet
115Kb / 1P
SMP JACK TO SMP JACK BULLET SMP-BULLET
2022/08/30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com