Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-SFSFB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-SFSFB
Description  ADP,SMA F to SMA F BLKHD BULLET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-SFSFB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-SFSFB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.PESA
.88
22.3
.57
14.6
.07
1.7
LOCK
WASHER
2X, 1/4-36 UNS-2A
.23
5.9
.32
HEX
8.0
1/4-36 UNS-2B
.260
.255
6.60
6.48
.239
.236
6.07
5.99
RECOMMENDED
PANEL CUTOUT
NOTES:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 500 VOLTS PEAK
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS RMS
INSERTION LOSS: .15 dB MAX.
DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
HEX NUT
B
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
DIELECTRIC
TEFLON
--
CENTER PIN
BRASS
GOLD PLATE
LOCK WASHER
BRASS
NICKEL PLATE
NUT
BRASS
NICKEL PLATE
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-SFSFB
B
AXA-SFSFB.SLDDRW
1
1
K.BURGNER
03/26/2012
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
03/26/2012
03/27/2012
A
B
INITIAL RELEASE
ECN 9793: ADDED RECOMMENDED PANEL CUTOUT
04/12/2019
P.PESA
SELLIS
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADP,SMA F to SMA F BLKHD BULLET
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
COLOR VARIATIONS
MAY OCCUR
03/26/2012
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - AXA-SFSFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-SMBJSF L-COM-AXA-SMBJSF Datasheet
119Kb / 1P
ADAPTER, SMA-F/SMB-F
9/14/10
AXA-SMBPSF L-COM-AXA-SMBPSF Datasheet
121Kb / 1P
ADAPTER, SMA-F/SMB-M
9/14/10
AXA-SMSM L-COM-AXA-SMSM Datasheet
29Kb / 1P
ADAPTER SMA-M/SMA-M BARREL TYPE
3/1/05
More results

Similar Description - AXA-SFSFB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
logo
Pomona Electronics
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Amphenol Corporation
7029-3530 AMPHENOL-7029-3530 Datasheet
87Kb / 1P
SMA STR. F IP68 BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
logo
PHOENIX CONTACT
2884538 PHOENIX-2884538 Datasheet
46Kb / 2P
Adapter - RAD-ADP-RSMA/F-SMA/F
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
2917324 PHOENIX-2917324 Datasheet
45Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/M-90
2917036 PHOENIX-2917036 Datasheet
414Kb / 2P
Adapter - RAD-ADP-N/M-SMA/F
logo
Amphenol SV Microwave
1115-6141 SVMICROWAVE-1115-6141 Datasheet
97Kb / 1P
STR. F SMA TO STR. F 2.92mm HERMETIC BLKHD ADAPTER
09/22
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
SMA F TO SMA F STR. ADAPTER
04/21
7029-3574 SVMICROWAVE-7029-3574 Datasheet
88Kb / 1P
SMA STR. F IP68 BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
02/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com