Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS4257A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STHS4257A
Description  IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS4257A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STHS4257A Datasheet HTML 10Page - STMicroelectronics STHS4257A Datasheet HTML 11Page - STMicroelectronics STHS4257A Datasheet HTML 12Page - STMicroelectronics STHS4257A Datasheet HTML 13Page - STMicroelectronics STHS4257A Datasheet HTML 14Page - STMicroelectronics STHS4257A Datasheet HTML 15Page - STMicroelectronics STHS4257A Datasheet HTML 16Page - STMicroelectronics STHS4257A Datasheet HTML 17Page - STMicroelectronics STHS4257A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Part numbering
STHS4257A, STHS4257A1, STHS4257L, STHS4257L1
16/18
5
Part numbering
Table 8.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STHS
4257A1
M
6
F
Device type
STHS
Product options
4257A
4257A1
4257L
4257L1
Package
M = SO8 (150mils width)
DB(1) = DFN8 (3mm x 3mm)
1.
Contact local sales office for availability.
Temperature range
6 = –40 to 85°C
Shipping method
F = ECOPACK Package, Tape & Reel
E = ECOPACK Package, Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com