Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS4257A1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STHS4257A1
Description  IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS4257A1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STHS4257A1 Datasheet HTML 9Page - STMicroelectronics STHS4257A1 Datasheet HTML 10Page - STMicroelectronics STHS4257A1 Datasheet HTML 11Page - STMicroelectronics STHS4257A1 Datasheet HTML 12Page - STMicroelectronics STHS4257A1 Datasheet HTML 13Page - STMicroelectronics STHS4257A1 Datasheet HTML 14Page - STMicroelectronics STHS4257A1 Datasheet HTML 15Page - STMicroelectronics STHS4257A1 Datasheet HTML 16Page - STMicroelectronics STHS4257A1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STHS4257A, STHS4257A1, STHS4257L, STHS4257L1
Electrical parameters
13/18
ILIMIT LOW
Input Current Limit, Low Level,
STHS4257x1
(inrush mode)
VIN = –48V, VOUT = –43V
(11), (12)
100
140
180
mA
ILIMIT
Input Current Limit, STHS4257x VIN = –48V, VOUT = –43V
(14)
300
350
400
mA
ILIMIT WARM
Overtemperature Input Current
Limit, STHS4257x
(14)
188
mA
TOVERTEMP
Overtemperature Trip
Temperature, STHS4257x
(14)
120
°C
TSHUTDOWN
Thermal Shutdown Trip
Temperature
(11), (13), (14)
140
°C
1.
The STHS4257 family of PoE products operates with a negative supply voltage (with respect to the GND pin, unless
otherwise noted). Voltages in this data sheet are always referred to in terms of absolute magnitude, thus "maximum
negative voltage" means the most negative voltage and analogically "rising negative voltage" refers to a voltage that is
becoming more negative.
2.
The STHS4257 family of products is designed to work with two series diode drops caused by diode bridge that makes the
PD input polarity-insensitive. Parameter ranges specified in the Electrical Parameters Table are with respect to
STHS4257x/x1 pins and are designed to meet the IEEE 802.3af specifications when these diode drops are included. See
Figure 4 on page 8.
3.
The STHS4257x/x1 devices include hysteresis in the UVLO voltages to avoid any start-up oscillation. As required by IEEE
802.3af, the STHS4257 family devices will power up from a voltage source with 20
Ω series resistance on the first trial.
4.
The Supply Current During Classification (IIN CLASS) does not include classification current programmed at pin 2. Total
supply current in classification mode will be IIN CLASS + ICLASS (see also Note 5).
5.
ICLASS is the measured current flowing through RCLASS. ΔICLASS accuracy is with respect to the ideal current defined as
ICLASS = 1.237/RCLASS. The current accuracy specification does not include variations in RCLASS resistance. The total
classification current seen by PSE also includes the quiescent current (IIN CLASS). See Figure 4 on page 8.
6.
Signature resistance is measured via the 2-point
ΔV/ΔI method as defined by IEEE 802.3af standard. The STHS4257
device family signature resistance is offset from standard 25k
Ω to account for the series diode bridge resistance. With two
series diodes, the total PD resistance will be between 23.75k
Ω and 26.25kΩ which meets IEEE 802.3af specifications. The
minimum probe voltages measured at the STHS4257x/x1 pins are –1.5 and –2.5V. The maximum probe voltages are –8.5
and –9.5V.
7.
To disable the 25k
Ω signature, tie SIGDISA to GND (±0.1V) or hold SIGDISA high with respect to VIN. See Figure 4 on
page 8.
8.
VPG TH FALL is not used: To eliminate the current peak during the transition from inrush to normal operation mode, the
power MOSFET (between VOUT and VIN - see Figure 5 on page 9) turns fully on only after the inrush current decreases by
10% from its initial value (i.e. when the output capacitor is fully charged).
9.
GND pin at the same potential as PWRGD pin to prevent ESD protection from impacting the measured results. To keep
PWRGD MOSFET off under this condition, maintain uninterrupted inrush current e.g. by applying 1V voltage between
VOUT and VIN pin. This will keep the device in inrush mode, thus preventing PWRGD from going active (on).
10. To significantly reduce IOUT LEAK and eliminate its impact on total current during detection and classification, the resistor
divider used to provide feedback on VOUT - VIN voltage is disconnected below the UVLO threshold.
11. The STHS4257x1 includes thermal protection. In the event of an overtemperature condition (TSHUTDOWN is reached), the
STHS4257x1 will turn off the power MOSFET until the part cools below the overtemperature limit (TOVERTEMP). The
STHS4257x1 is also protected against thermal damage from incorrect classification probing by the PSE: If the
STHS4257x1 temperature exceeds the shutdown trip point (TSHUTDOWN), the classification load current is disabled.
12. The STHS4257x1 includes dual level input current limit. At turn-on, before output capacitor C2 is charged, the
STHS4257x1 current level is set to the low level. After the output capacitor C2 is charged, the STHS4257x1 switches to
high level current limit and remains there until the input voltage drops below the UVLO turn-off threshold.
13. The STHS4257 family devices include overtemperature protection that is intended to protect the device during momentary
overload conditions only. Continuous operation close to overtemperature limits may impair device reliability.
14. The STHS4257x includes smart thermal protection. In the event of an overtemperature condition, the STHS4257x will
reduce the input current limit by 50% to reduce the power dissipation in the package. If the part continues heating and
reaches the shutdown temperature (TSHUTDOWN), the current is reduced to zero until the part cools below the
overtemperature limit (TOVERTEMP). The STHS4257x is also protected against thermal damage from incorrect classification
probing by the PSE: If the STHS4257x temperature exceeds the shutdown trip point (TSHUTDOWN), the classification load
current is disabled.
Table 5.
Electrical parameters (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com