Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCSI
Description  Integral 3-Element Colour Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCSI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCSI Datasheet HTML 1Page - List of Unclassifed Manufacturers MCSI Datasheet HTML 2Page - List of Unclassifed Manufacturers MCSI Datasheet HTML 3Page - List of Unclassifed Manufacturers MCSI Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
8. PIN-CONFIGURATION
(Top view)
PIN-.
description
A1
red
A2
blue
A3
green
A4
common cathode
9. APPLICATION CIRCUIT
Opposite figure shows a circuit for the
conversion of photo current to an equivalent
voltage. These voltage can be processed e.g.
with an ADC. By the selection of suitable
resistors the output voltage range can be
adjusted
to
the
photo
current
value.
(for
example
the
pin-programmable
transimpedance amplifier MTI04 with the
resistors 25k
Ω, 500kΩ
and 5M
Ω)
10. APPLICATION NOTE
It is recommended to use an IR-block filter > 720nm or a light source with low infrared
radiation for optimal operations of the colour sensor.
11. ORDERING INFORMATION
integral colour sensor MCSi as Die
integral colour sensor MCSi with TO5-package + transparent encapsulation
MCSiAT
integral colour sensor MCSi with TO5-package + glas cap IR-blocked
MCSiBT
Evaluation board for JENCOLOUR sensors
MCS-EB1
K
A1
A2
A3
MTI04
MAZeT
+V
I
I
I
R
R
R
V
V
V
MCSi
R
Red
Green
Bue
1
2
3
Blue
Green
Red
Photo
Out
x
I
V
R
≈
TO5-outline
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 (0)8142 28640, Fax: +49 (0)8142 286411, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk
USA: LASER COMPONENTS Instrument Group Inc., Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com
Web: www.lasercomponents.com
Issue: 11/03 / V3 / HW / www/pdf/mazet/ mcsi.pdf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com