Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6231 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC6231
Description  BNC Female Connector Stub Terminal Solder Attachment 4 Hole Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC6231 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC6231 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC6231 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC6231 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.1 Page 1 of 3
Copyright © 2017
BNC female 4 hole flange mount connector with solder attachment stub terminal,
part number SC6231, from Fairview Microwave is in-stock and ships same day.
This BNC female connector operates up to a maximum frequency of 4 GHz and
offers excellent VSWR of 1.25:1. Fairview’s SC6231 4 hole flange BNC connector
enables designers to make external connections on product enclosures, and can
be used in a variety of other rack mount and panel mount applications.
Fairview’s BNC female 4 hole flange connector SC6231 datasheet specifications
and outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
4
GHz
VSWR
1.25:1
DWV (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.455 in [36.96 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.019 lbs [8.62 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
.
Insulation
PTFE
.
Outer Conductor
Brass
Nickel
QQ-N-290
.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC6231
DATA SHEET
BNC Female Connector Stub Terminal Solder
Attachment 4 Hole Flange
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• BNC Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• 4 Hole Flange
Features:
• Operating Frequency
of 4 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium
Copper Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test
• Rack and Panel Mount
Applications


Similar Part No. - SC6231

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC623AEVB SEMTECH-SC623AEVB Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC623AULTRT SEMTECH-SC623AULTRT Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC623EVB SEMTECH-SC623EVB Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
More results

Similar Description - SC6231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4533 PASTERNACK-PE4533 Datasheet
292Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Stub Terminal, .500 inch Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE45039 PASTERNACK-PE45039 Datasheet
366Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4011 PASTERNACK-PE4011_16 Datasheet
357Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Turret Terminal
PE4099 PASTERNACK-PE4099_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Stub Terminal
PE4128 PASTERNACK-PE4128_16 Datasheet
356Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4128-SF PASTERNACK-PE4128-SF_16 Datasheet
355Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com