Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12NM50 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 12NM50
Description  N-channel 550V @ tjmax - 0.30Ω - 12A TO-220/FP/D2/I2PAK MDmesh??Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

12NM50 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 12NM50 Datasheet HTML 5Page - STMicroelectronics 12NM50 Datasheet HTML 6Page - STMicroelectronics 12NM50 Datasheet HTML 7Page - STMicroelectronics 12NM50 Datasheet HTML 8Page - STMicroelectronics 12NM50 Datasheet HTML 9Page - STMicroelectronics 12NM50 Datasheet HTML 10Page - STMicroelectronics 12NM50 Datasheet HTML 11Page - STMicroelectronics 12NM50 Datasheet HTML 12Page - STMicroelectronics 12NM50 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STP12NM50-STP12NM50FP-STB12NM50-STB12NM50-1
Test circuit
9/17
3
Test circuit
Figure 14. Switching times test circuit for
resistive load
Figure 15. Gate charge test circuit
Figure 16. Test circuit for inductive load
switching and diode recovery times
Figure 17. Unclamped Inductive load test
circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com