Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM647 Datasheet HTML 1Page - Texas Instruments TMS320DM647 Datasheet HTML 2Page - Texas Instruments TMS320DM647 Datasheet HTML 3Page - Texas Instruments TMS320DM647 Datasheet HTML 4Page - Texas Instruments TMS320DM647 Datasheet HTML 5Page - Texas Instruments TMS320DM647 Datasheet HTML 6Page - Texas Instruments TMS320DM647 Datasheet HTML 7Page - Texas Instruments TMS320DM647 Datasheet HTML 8Page - Texas Instruments TMS320DM647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
1.1.1 Trademarks
1.2 Description
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372B – MAY 2007 – REVISED APRIL 2008
www.ti.com
• 32-Bit 33-/66-MHz, 3.3-V Peripheral Component
• 32 General-Purpose I/O (GPIO) Pins
Interconnect (PCI) Master/Slave Interface
(Multiplexed With Other Device Functions)
Conforms to PCI Specification 2.3
• Package:
• VLYNQ™ Interface (FPGA Interface)
–
529-pin nFBGA (ZUT suffix)
• On-Chip ROM Bootloader
–
19x19 mm 0.8 mm pitch BGA
–
0.09-
µm/6-Level Cu Metal Process (CMOS)
• Individual Power-Saving Modes
• 3.3-V and 1.8-V I/O, 1.2-V Internal (-720, -900)
• Flexible PLL Clock Generators
• Applications:
• IEEE-1149.1 (JTAG™)
Boundary-Scan-Compatible
–
Digital Video Recording
TMS320C64x+, C64x, C64x+, VelociTI, VelociTI.2, VLYNQ, TMS320C6000, C6000, TI, and TMS320 are
trademarks of Texas Instruments.
I2C Bus is a registered trademark of Koninklijke Philips Electronics N.V.
Windows is a registered trademark of Microsoft Corporation in the United States and/or other countries.
All trademarks are the property of their respective owners.
The
TMS320C64x+™
DSPs
(including
the
TMS320DM647/TMS320DM648
device)
are
the
highest-performance
fixed-point
DSP
generation
in
the
TMS320C6000™
DSP
platform.
The
DM647/DM648 devices are based on the third-generation high-performance, advanced VelociTI™
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making these DSPs
an excellent choice for digital media applications. The C64x+™ devices are upward code-compatible from
previous devices that are part of the C6000™ DSP platform. The C64x™ DSPs support added
functionality and have an expanded instruction set from previous devices.
Any reference to the C64x DSP or C64x CPU also applies, unless otherwise noted, to the C64x+ DSP and
C64x+ CPU, respectively.
With performance of up to 7200 million instructions per second (MIPS) at a clock rate of 900 MHz, the
C64x+ core offers solutions to high-performance DSP programming challenges. The DSP core possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. The
C64x+ DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs). The
eight functional units include instructions to accelerate the performance in video and imaging applications.
The DSP core can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of 2400 million
MACs per second (MMACS), or eight 8-bit MACs per cycle for a total of 4800 MMACS. For more details
on the C64x+ DSP, see the TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide
(literature number SPRU732).
The DM647/DM648 devices also have application-specific hardware logic, on-chip memory, and additional
on-chip peripherals similar to the other C6000 DSP platform devices. The DM647/DM648 core uses a
two-level cache-based architecture. The Level 1 program cache (L1P) is a 256K-bit direct mapped cache
and the Level 1 data cache (L1D) is a 256K-bit 2-way set-associative cache. The Level 2 memory/cache
(L2) consists of a 4M-bit (DM648) or 2M-bit (DM647) memory space that is shared between program and
data space. L2 memory can be configured as mapped memory, cache, or combinations of the two.
The peripheral set includes: The DM647/DM648 device has five configurable 16-bit video port peripherals
(VP0, VP1, VP2, VP3, and VP4). These video port peripherals provide a glueless interface to common
video decoder and encoder devices. The DM647/DM648 video port peripherals support multiple
resolutions and video standards (e.g., CCIR601, ITU-BT.656, BT.1120, SMPTE 125M, 260M, 274M, and
296M), a VCXO interpolated control port (VIC); a 1000 Mbps Ethernet Switch Subsystem with a
TMS320DM647/TMS320DM648 Digital Media Processor
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com