Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR72045 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FCR72045
Description  SCHUKO / EURO LEADS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FCR72045 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FCR72045 Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Cliff Electronic Components Limited,
www.cliffuk.co.uk
üRoHS
©
02/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
SCHUKO / EURO LEADS
FCR72041 - RIGHT ANGLE SCHUKO TO IEC PLUG.
2.5m CABLE. COLOUR - BLACK
FCR72042 - RIGHT ANGLE SCHUKO TO RIGHT ANGLE
IEC PLUG. 2.5m CABLE. COLOUR - BLACK
FCR72043 - 2 PIN EURO LEAD. 2m CABLE.
COLOUR - BLACK
FCR72044 - RIGHT ANGLE SCHUKO TO FREE END.
2m CABLE. COLOUR - WHITE
FCR72045 - 2 PIN EURO EXTENSION LEAD. 3m CABLE.
COLOUR - BLACK
ITEM IS WHITE.


Similar Part No. - FCR72045

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FCR72040 CLIFF-FCR72040 Datasheet
240Kb / 1P
REWIREABLE 90° SCHUKO PLUG
More results

Similar Description - FCR72045

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB3-XX-V ADAM-TECH-EB3-XX-V Datasheet
67Kb / 1P
EURO BLOCK
EB14-XX-1 ADAM-TECH-EB14-XX-1 Datasheet
68Kb / 1P
EURO BLOCK
EB41-XX-D-CL ADAM-TECH-EB41-XX-D-CL Datasheet
66Kb / 1P
EURO BLOCK
EB41-XX-D-E ADAM-TECH-EB41-XX-D-E Datasheet
75Kb / 1P
EURO BLOCK
EB42-XX-G-E ADAM-TECH-EB42-XX-G-E Datasheet
77Kb / 1P
EURO BLOCK
EB120-XX-A ADAM-TECH-EB120-XX-A Datasheet
83Kb / 1P
EURO BLOCK
EB121-XX-A ADAM-TECH-EB121-XX-A Datasheet
73Kb / 1P
EURO BLOCK
EB124-XX-C-GY ADAM-TECH-EB124-XX-C-GY Datasheet
69Kb / 1P
EURO BLOCK
EBR-XX-A ADAM-TECH-EBR-XX-A Datasheet
68Kb / 1P
EURO BLOCK
logo
Electronic Components L...
FCR72040 CLIFF-FCR72040 Datasheet
240Kb / 1P
REWIREABLE 90° SCHUKO PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com