Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS200911R0001 Datasheet(PDF) 2 Page - ABB

Part # 2CSS200911R0001
Description  Miniature Circuit Breaker - S200M - 2P - C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0001 Datasheet(HTML) 2 Page - ABB

  2CSS200911R0001 Datasheet HTML 1Page - ABB 2CSS200911R0001 Datasheet HTML 2Page - ABB 2CSS200911R0001 Datasheet HTML 3Page - ABB 2CSS200911R0001 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Housing Material:
Insulation Group II, RAL 7035
Industrial IT Certification Level:
0
Installation Size:
acc. to DIN 43880 1
Instructions and Manuals:
2CSC400002D0208
Interrupting Rating acc. to UL1077:
(125 V DC) 10 kA
(277 V AC) 6 kA
(480Y / 277 V AC) 6 kA
Invoice Description:
S202M-C 16 Mini Circuit Breaker C-Char.,10kA,16A,2P
Maximum Operating Voltage UL/CSA:
125 V DC
480Y/277 V AC
Mechanical Endurance:
20000 cycle
Minimum Order Quantity:
1 piece
Mounting Position:
Any
Mounting on DIN Rail:
TH35-7.5 (35 x 7.5 mm Mounting Rail) acc. to IEC 60715
TH35-15 (35 x 15 mm Mounting Rail) acc. to IEC 60715
Number of Poles:
2
Number of Protected Poles:
2
Object Classification Code:
F
Operational Voltage:
Maximum (Incl. Tolerance) 125 V DC
Maximum (Incl. Tolerance) 440 V AC
Maximum 440 V AC
Maximum 125 V DC
Minimum 12 V AC
Minimum 12 V DC
Overvoltage Category:
III
Package Level 1 EAN:
4016779605694
Package Level 1 Gross Weight:
1.3 kg
Package Level 1 Height:
80 mm
Package Level 1 Length:
183 mm
Package Level 1 Units:
5 piece
Package Level 1 Width:
92 mm
Package Level 2 EAN:
4016779977272
Package Level 2 Gross Weight:
10.48 kg
Package Level 2 Height:
210 mm
Package Level 2 Length:
400 mm
Package Level 2 Units:
60 piece
Package Level 2 Width:
275 mm
Pole Net Weight:
0.115 kg
Pollution Degree:
3
Power Loss:
5 W
at Rated Operating Conditions per Pole 2.5 W
Power Supply Connection:
Arbitrary
Product Main Type:
S200M
Product Name:
Miniature Circuit Breaker
Product Net Depth:
69 mm
Product Net Height:
88 mm
Product Net Weight:
0.25 kg
Product Net Width:
35 mm
Product Range:
S200M
Rated Current (I ):
16 A
Rated Frequency (f):
50 Hz
60 Hz
n



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com