Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBCDPMF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USBCDPMF
Description  USB 3.1 TYPE C TO DP ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USBCDPMF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USBCDPMF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00012
REGULATORY COMPLIANCE:
CE 2011/65/EU(RoHS DIRECTIVE)
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
MAY OCCUR
04/04/17
A
PROJECTION
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
UNLESS OTHERWISE SPECIFIED,
B
C
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
USBCDPMF
A
USBCDPMF.SLDDRW
11
J.LABOY
04/27/17
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
B.GATES
04/14/17
04/27/17
A
INITIAL RELEASE
J.LABOY
B.PUCHASKI
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
USB 3.1 TYPE C TO DP ADAPTER
AUDIO/VIDEO
COLOR VARIATIONS
NORTH ANDOVER, MA
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
DIMENSION IN METRIC


Similar Part No. - USBCDPMF

ManufacturerPart #DatasheetDescription
logo
MMD Components
USBC1 MMD-USBC1 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
List of Unclassifed Man...
USBC10KM302M0USBAMBKR ETC-USBC10KM302M0USBAMBKR Datasheet
832Kb / 7P
USB A MALE to USB C MALE 3.0 10K Res, GT Cable #UL 2725 BK (32AWG*1PDAL/MY)*2P32AWG*1P24AWG*2CAB OD:4.3: SEE CODE / 8 Conductors, 4.3mm OD, UL 2725, 80 Deg.C 30V, RED/WHITE/GREEN/BLACK/YELLOW/BLUE/PURPLE/ORANGE, Approvals: , 2000mm, GlobTek Black
08/23/2022
USBC10KM302M0USBAMWHR ETC-USBC10KM302M0USBAMWHR Datasheet
832Kb / 7P
USB A MALE to USB C MALE 3.0 10K Res, GT Cable #UL 2725 WHT (32AWG*1PDAL/MY)*2P32AWG*1P24AWG*2CAB OD:4.3: SEE CODE / 8 Conductors, 4.3mm OD, UL 2725, 80 Deg.C 30V, RED/WHITE/GREEN/BLACK/YELLOW/BLUE/PURPLE/ORANGE, Approvals: , 2000mm, GlobTek White
08/23/202
USBC10KM303M0USBAMWHR ETC-USBC10KM303M0USBAMWHR Datasheet
832Kb / 7P
USB A MALE to USB C MALE 3.0 10K Res, GT Cable #UL 2725 WHT (32AWG*1PDAL/MY)*2P32AWG*1P24AWG*2CAB OD:4.3: SEE CODE / 8 Conductors, 4.3mm OD, UL 2725, 80 Deg.C 30V, RED/WHITE/GREEN/BLACK/YELLOW/BLUE/PURPLE/ORANGE, Approvals: , 3000mm, GlobTek White
08/23/2022
USBC1SW1M0USBC1SREMWH ETC-USBC1SW1M0USBC1SREMWH Datasheet
253Kb / 7P
USB C MALE 3.1 - USB Type-C plug connector with a single locking screw MOLD
08/23/2022
More results

Similar Description - USBCDPMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
List of Unclassifed Man...
690-024-231-031 ETC2-690-024-231-031 Datasheet
315Kb / 2P
USB 3.1 TYPE C FEMALE
690-024-232-031 ETC2-690-024-232-031 Datasheet
330Kb / 2P
USB 3.1 TYPE C FEMALE
logo
Tripp Lite. All Rights ...
U428-06N-F TRIPPLITE-U428-06N-F Datasheet
157Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Adapter Cable, USB Type-C (USB-C) to USB Type-A M/F, 6-in. Length
logo
List of Unclassifed Man...
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
USBCM313M0USBCMMMWHR ETC-USBCM313M0USBCMMMWHR Datasheet
174Kb / 6P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
logo
Coolgear Inc.
CG-UCUSBPDB COOLGEAR-CG-UCUSBPDB Datasheet
125Kb / 3P
USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com