Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHC00007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VHC00007
Description  HDMI 19P AF TO AF 90°
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VHC00007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VHC00007 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INITIAL RELEASE
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
VHC00007
A
VHC00007.SLDDRW
1
1
07/31/17
REVISIONS
DESCRIPTION
APPROVED
REV
B.GATES
DATE
B.GATES
07/31/17
07/31/17
A
J.YOU
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
07/31/17
43321
AUDIO/VIDEO
PROJECTION
HDMI 19P AF TO AF 90°
J.YOU
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
3
11.8
11.8
17.7
pin2
pin19
pin18
pin1
1
4.55
+
-
0.05
0.04
14.00
+
-
0.05
0.04
23.2
22.2
pin2
pin19
pin18
pin1
2
14.00
+
-
0.05
0.04
22.2
4.55
+
-
0.05
0.04
15.5
24.7
NOTES:
Electrical Properties:
1. It should be no any open/short, miswiring and intermittent failures.
2. The cable shall be 100% electrical test.
3. Voltage test: DC 300V 10MS;
Insulation resistance: 5.0M ohm/min;
Conductance resistance: 5.0 ohm/max.
Machinery Character:
1. All dimension are "mm" except specified.
2. The cable should be clean, free of oiled/flash/burred.
3. Package:individually packaged in a clear polybag.
4. Cable Ass'y shall be RoHS Compliant.
3
Outer molded: 45P PVC, Color: Black.
G
10
2
Conn: HDMI 19P A Female, shell & pin gold flash, insulaton Black. PCS
1
1
Conn: HDMI 19P A Female, shell & pin gold flash, insulaton Black. PCS
1
Item
DESCRIPTION
UNIT QT'Y
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
S
S
19
18
17
16
15
14
13
11
12
10
07
08
09
06
05
04
03
02
01
P1
P2
PIN OUT
P1
P1


Similar Part No. - VHC00007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
VHC00008 L-COM-VHC00008 Datasheet
66Kb / 1P
HDMI MINI C(M) TO MICRO D(F)
08/01/17
More results

Similar Description - VHC00007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBA800 STMICROELECTRONICS-TBA800 Datasheet
505Kb / 8P
AF Amplifiers
logo
Rhombus Industries Inc.
T-1233 RHOMBUS-IND-T-1233 Datasheet
19Kb / 1P
AF Transformer
4/19/99
T-1234 RHOMBUS-IND-T-1234 Datasheet
19Kb / 1P
AF Transformer
4/19/99
logo
SCHOTT CORPORATION
32186 SCHOTT-32186 Datasheet
16Kb / 1P
AF TRANSFORMER
32187 SCHOTT-32187 Datasheet
16Kb / 1P
AF TRANSFORMER
33681 SCHOTT-33681 Datasheet
13Kb / 1P
AF TRANSFORMER
logo
ON Semiconductor
ENA2328 ONSEMI-ENA2328 Datasheet
278Kb / 8P
AF Controller
July, 2014
ENA2242 ONSEMI-ENA2242 Datasheet
168Kb / 4P
AF Controller
November, 2013
ENA2251 ONSEMI-ENA2251 Datasheet
175Kb / 5P
AF Controller
March, 2013
LC898214XD ONSEMI-LC898214XD Datasheet
308Kb / 9P
AF Controller
January 2015 - Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com