Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHC00012 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VHC00012
Description  HDMI 19P AF TO MINI CM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VHC00012 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VHC00012 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
Electrical Properties:
1. It should be no any open/short, miswiring and intermittent failures.
2. The cable shall be 100% electrical test.
3. Voltage test: DC 300V 10MS;
Insulation resistance: 5.0M ohm/min;
Conductance resistance: 5.0 ohm/max.
Machinery Character:
1. All dimension are "mm" except specified.
2. The cable should be clean, free of oiled/flash/burred.
3. Package: individually packaged in a clear polybag.
4. Cable Ass'y shall be RoHS Compliant.
P1
P2
3
Outer molded: 45P PVC, Color: Black.
G
10
2
Conn: HDMI MINI C Male, shell & pin gold flash., insulaton Black.
PCS
1
1
Conn: HDMI 19P A Female, shell & pin gold flash., insulaton Black. PCS
1
Item
DESCRIPTION
UNIT QT'Y
01
02
03
04
05
06
17
07
08
09
10
11
12
13
14
15
16
18
19
S
19
S
17
18
16
15
14
13
11
12
10
09
08
07
06
05
04
03
02
01
P1
P2
PIN OUT
B.GATES
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
A
8
VHC00012
A
VHC00012.SLDDRW
1
1
07/31/17
REVISIONS
DESCRIPTION
APPROVED
REV
UNLESS OTHERWISE SPECIFIED,
DATE
B.GATES
07/31/17
07/31/17
07/31/17
J.YOU
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
MAY OCCUR
43321
AUDIO/VIDEO
PROJECTION
HDMI 19P AF TO MINI CM
J.YOU
UNDIMENSIONED FEATURES
INITIAL RELEASE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
pin1
pin19
-
0.03
0.04
+
2.42
10.42
+
-
0.03
0.04
31.3
6.50±0.25
2
3
22.2
pin1
pin19
pin18
pin2
1
-
0.05
0.04
+
4.55
14.00
+
-
0.05
0.04


Similar Part No. - VHC00012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
VHC00011 L-COM-VHC00011 Datasheet
55Kb / 1P
HDMI 19P AF TO MICRO DM 90°
08/01/17
VHC00013 L-COM-VHC00013 Datasheet
55Kb / 1P
HDMI 19P A(M) TO MINI C(F)
08/02/17
VHC00014 L-COM-VHC00014 Datasheet
60Kb / 1P
HDMI 19P MINI C(F) TO MICRO D(M)
08/02/17
VHC00015 L-COM-VHC00015 Datasheet
60Kb / 1P
HDMI 19P A(F) TO MICRO D(M)
08/03/17
VHC00016 L-COM-VHC00016 Datasheet
63Kb / 1P
HDMI 19P MINI C(F) TO MICRO D(M
08/01/1
More results

Similar Description - VHC00012

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-330300-020-S ASSMANN-AK-330300-020-S Datasheet
317Kb / 2P
HDMI 19P/M - DVI_D/M CABLE
AK-330300-030-S ASSMANN-AK-330300-030-S Datasheet
316Kb / 2P
HDMI 19P/M - DVI_D/M CABLE
AK-330300-050-S ASSMANN-AK-330300-050-S Datasheet
310Kb / 2P
HDMI 19P/M - DVI_D/M CABLE
AK-330300-100-S ASSMANN-AK-330300-100-S Datasheet
306Kb / 2P
HDMI 19P/M - DVI_D/M CABLE
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Adam Technologies, Inc.
MHDMI-S-RA-SMT ADAM-TECH-MHDMI-S-RA-SMT Datasheet
93Kb / 1P
MINI HDMI CONNECTOR
logo
Tripp Lite. All Rights ...
B155-002-HD TRIPPLITE-B155-002-HD Datasheet
494Kb / 2P
2-Port Mini DisplayPort to HDMI Splitter
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-FJ30 AVAGO-ASMT-FJ30 Datasheet
250Kb / 6P
Mini Surface Mount AF LED
logo
Tripp Lite. All Rights ...
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com