Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHC00021 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VHC00021
Description  HDMI-AF TO HDM-CM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VHC00021 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VHC00021 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.3
14.5
12.1
NOTES:
Electrical Properties:
1. It should be no any open/short, miswiring and intermittent failures.
2. The cable shall be 100% electrical test.
3. Voltage test: DC 300V 10MS;
Insulation resistance: 5.0M ohm/min;
Conducatance resistance: 5.0 ohm/max.
Machinery Character:
1. All dimension are "mm" except specified.
2. The cable should be clean, free of oiled/flash/burred.
3. Package: Individually packaged in a clear polybag.
4. Cable Ass'y shall be RoHS Compliant.
P1
P2
3
Outer molded: 45P PVC, Color: Black.
G
10
2
P2 Conn:HDMI 19pin,male,insulaton black,pin gold flash and shell gold flash. PCS
1
1
P1 Conn:HDMI C type plug,Insulaton black,pin gold flash,shell gold flash.
PCS
1
Item
DESCRIPTION
UNIT QT'Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
S
19
18
17
16
15
13
14
12
11
10
9
8
7
6
5
4
3
2
1
P1
P2
PIN OUT
1
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
VHC00021
B.GATES
43321
A
VHC00021.SLDDRW
8
1
07/11/17
REVISIONS
DESCRIPTION
APPROVED
REV
B.GATES
07/11/17
INITIAL RELEASE
A
DATE
07/11/17
J.YOU
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
UNLESS OTHERWISE SPECIFIED,
MAY OCCUR
AUDIO/VIDEO
PROJECTION
HDMI-AF TO HDM-CM
J.YOU
UNDIMENSIONED FEATURES
07/11/17
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
1
27.6
#01
#19
#01
#19
#18
#02
2
3
S
21.45


Similar Part No. - VHC00021

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
VHC00020 L-COM-VHC00020 Datasheet
75Kb / 1P
HDMI F TO VGA M ADAPTOR
6/13/17
VHC00022 L-COM-VHC00022 Datasheet
54Kb / 1P
HDMI-M-F R/A ADP
07/18/17
VHC00023 L-COM-VHC00023 Datasheet
62Kb / 1P
ADPT, HDMI WATERPROOF CPLR
11/09/17
VHC00024 L-COM-VHC00024 Datasheet
56Kb / 1P
HDMI BENDABLE ADAPTER F-F
09/25/2018
VHC00025 L-COM-VHC00025 Datasheet
56Kb / 1P
HDMI BENDABLE ADAPTER M-F
09/25/2018
More results

Similar Description - VHC00021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
THOR communications
H-XX-QMOD-YY THOR-H-XX-QMOD-YY Datasheet
3Mb / 1P
HDMI to COAX Modulator
logo
Molex Electronics Ltd.
0887689800 MOLEX1-0887689800_18 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 1.0m Length
logo
Tripp Lite. All Rights ...
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com