Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HCT27 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HCT27
Description  TRIPLE 3-INPUT NOR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT27 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HCT27 Datasheet HTML 1Page - STMicroelectronics M54HCT27 Datasheet HTML 2Page - STMicroelectronics M54HCT27 Datasheet HTML 3Page - STMicroelectronics M54HCT27 Datasheet HTML 4Page - STMicroelectronics M54HCT27 Datasheet HTML 5Page - STMicroelectronics M54HCT27 Datasheet HTML 6Page - STMicroelectronics M54HCT27 Datasheet HTML 7Page - STMicroelectronics M54HCT27 Datasheet HTML 8Page - STMicroelectronics M54HCT27 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HCT27
M74HCT27
February 1993
TRIPLE 3-INPUT NOR GATE
B1R
(Plastic Package)
ORDER CODES :
M54HCT27F1R
M74HCT27M1R
M74HCT27B1R
M74HCT27C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 9 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS27
The M54/74HCT27 is a high speed CMOS TRIPLE
3-INPUT NOR GATE fabricated in silicon gate
C
2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
The internal circuit is composed of 3 stages includ-
ing buffered output, which gives high noise immunity
and a stable output. All inputs are equipped with pro-
tection circuits against static discharge and transient
excess voltage. This integrated circuit has input and
output characteristics that are fully compatible with
54/74 LSTTL logic families. M54/74HCT devices
are designed to directly interface HSC
2MOS sys-
tems with TTL and NMOS components. They are
also plug in replacements for LSTTL devices giving
a reduction of power consumption.
DESCRIPTION
1/9


Similar Part No. - M54HCT27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT273 STMICROELECTRONICS-M54HCT273 Datasheet
244Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Feb-1993
M54HCT273F1R STMICROELECTRONICS-M54HCT273F1R Datasheet
244Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Feb-1993
More results

Similar Description - M54HCT27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com