Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC00002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VPC00002
Description  MINI-DP F TO DP F CONVERTOR (KEYSTONE PANEL MOUNT)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VPC00002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VPC00002 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.580
14.73
.760
19.30
B
J1
MINI DISPLAYPORT
FEMALE CONNECTOR
3. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN A CLEAR
POLYBAG AND LABELED PER L-COM SPEC LSP-010-2.
WITH CONVERTOR PCB
DISPLAYPORT
J2
FEMALE CONNECTOR
NOTES:
1. ELECTRICAL TEST:
(1)- COMPONENT SHALL NOT HAVE ANY OPEN/SHORT, MISWIRING
OR INTERMITTENT FAILURES.
(2)- VOLTAGE TEST: DC 300V 10MS;
INSULATION RESISTANCE: 10.0M ohm/min;
CONDUCTOR RESISTANCE: 2.0 ohm/max.
2. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RECOMMENDED
PANEL CUTOUT
.84
21.3
1.41
35.8
°
01/19/2021
MAY OCCUR
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
FRACTIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BPUCHASKI
CAD FILE:
B
VPC00002
1
09/30/2020
REVISIONS
DESCRIPTION
APPROVED
REV
INITIAL RELEASE
1
09/30/2020
09/30/2020
A
MBLACKWOOD
B
ECN 10939 CORRECT CONNECTOR DESCRIPTIONS
MBLACKWOOD
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
CAGE CODE
UNDIMENSIONED FEATURES
(KEYSTONE PANEL MOUNT)
VIDEO
DATE
DFRISIELLO
MINI-DP F TO DP F CONVERTOR
UNLESS OTHERWISE SPECIFIED,
09/22/2020
COLOR VARIATIONS
CONFIGURATION DETAILS OF
50 High Street, West Mill,
Phone: 1.800.341.5266
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
>120 [3048] ≤300 [7620] = +6 [152] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
OVERALL CABLE LENGTH TOLERANCE:
VPC00002.SLDDRW
ANGLES ± 1
± 1/32
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
.31
8.0
.31
8.0
.76
19.2
PIN 1
.38
9.7
.45
11.4
PIN 1
.58
14.8
.63
16.0
J1
20
19
S
15
16
17
13
18
14
3
2
1
12
9
11
10
8
4
6
7
5
20
19
S
16
14
18
4
2
J1
J2
6
PIN OUT
10
8
12
3
9
1
5
7
17
15
11
13
J2
PANEL MOUNT SIDE: ABS, BLACK.
OVER MOLDED: 45P PVC
COLOR: BLACK.


Similar Part No. - VPC00002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
VPC00001 L-COM-VPC00001 Datasheet
76Kb / 1P
MINI-DP F TO MINI-DP F CONVERTOR (KEYSTONE PANEL MOUNT)
09/22/2020
More results

Similar Description - VPC00002

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4151 NJRC-NJM4151 Datasheet
431Kb / 10P
V-F/F-V CONVERTOR
logo
PHOENIX CONTACT
8419 PHOENIX-8419 Datasheet
192Kb / 12P
Axioline F bus coupler for PROFIBUS DP
logo
Tripp Lite. All Rights ...
A230-001-KP TRIPPLITE-A230-001-KP Datasheet
163Kb / 2P
BNC All-in-One Keystone/Panel Mount Coupler (F/F), 75 Ohms
P169-000-KPA-BK TRIPPLITE-P169-000-KPA-BK Datasheet
172Kb / 2P
Mini DisplayPort to DisplayPort All-in-One Keystone/Panel Mount Angled Adapter (F/F), Black
P169-001-KPA-BK TRIPPLITE-P169-001-KPA-BK Datasheet
170Kb / 3P
Mini DisplayPort to DisplayPort All-in-One Keystone/Panel Mount Adapter Cable (F/F), Angled Connector, 1 ft.
U325-000-KP-BK TRIPPLITE-U325-000-KP-BK Datasheet
169Kb / 2P
USB 3.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
U060-000-KP-BK TRIPPLITE-U060-000-KP-BK Datasheet
170Kb / 2P
USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
U060-000-KP-WH TRIPPLITE-U060-000-KP-WH Datasheet
158Kb / 3P
USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), White
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com