Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT273 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT273
Description  OCTAL D TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT273 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT273 Datasheet HTML 1Page - STMicroelectronics M74HCT273 Datasheet HTML 2Page - STMicroelectronics M74HCT273 Datasheet HTML 3Page - STMicroelectronics M74HCT273 Datasheet HTML 4Page - STMicroelectronics M74HCT273 Datasheet HTML 5Page - STMicroelectronics M74HCT273 Datasheet HTML 6Page - STMicroelectronics M74HCT273 Datasheet HTML 7Page - STMicroelectronics M74HCT273 Datasheet HTML 8Page - STMicroelectronics M74HCT273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HCT273
M74HCT273
February 1993
OCTAL D TYPE FLIP FLOP WITH CLEAR
B1R
(Plastic Package)
ORDER CODES :
M54HCT273F1R
M74HCT273M1R
M74HCT273B1R
M74HCT273C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
fMAX = 80 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS273
The M54/74HCT273 is a high speed CMOS OCTAL
D-TYPE FLIP FLOP WITH CLEAR fabricated in sili-
con gate C
2MOS technology. It has the same high
speed performance of LSTTL combined with true
CMOS low power consumption. Information signals
applied to D inputs are transferred to the Q outputs
on the positive-going edge of the clock pulse.
When the CLEAR input is held low, the Q output are
in the low logic level independent of the other inputs.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age. This integrated circuit has input and output
characteristics that are fully compatible with 54/74
LSTTL logic families. M54/74HCT devices are de-
signed to directly interface HSC
2MOS systems with
TTL and NMOS components. They are also plug in
replacements for LSTTL devices giving a reduction
of power consumption. All inputs are equipped with
protection circuits against static discharge and tran-
sient excess voltage.
DESCRIPTION
INPUT AND OUTPUT EQUIVALENT CIRCUIT
1/10


Similar Part No. - M74HCT273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT273 STMICROELECTRONICS-M74HCT273 Datasheet
267Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Aug-2001
M74HCT273B1R STMICROELECTRONICS-M74HCT273B1R Datasheet
267Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Aug-2001
M74HCT273M1R STMICROELECTRONICS-M74HCT273M1R Datasheet
267Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Aug-2001
M74HCT273RM13TR STMICROELECTRONICS-M74HCT273RM13TR Datasheet
267Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Aug-2001
M74HCT273TTR STMICROELECTRONICS-M74HCT273TTR Datasheet
267Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Aug-2001
More results

Similar Description - M74HCT273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
May-1999
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com