Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT32 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HCT32
Description  QUAD 2-INPUT OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT32 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HCT32 Datasheet HTML 1Page - STMicroelectronics M74HCT32 Datasheet HTML 2Page - STMicroelectronics M74HCT32 Datasheet HTML 3Page - STMicroelectronics M74HCT32 Datasheet HTML 4Page - STMicroelectronics M74HCT32 Datasheet HTML 5Page - STMicroelectronics M74HCT32 Datasheet HTML 6Page - STMicroelectronics M74HCT32 Datasheet HTML 7Page - STMicroelectronics M74HCT32 Datasheet HTML 8Page - STMicroelectronics M74HCT32 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
8
151923
ns
tPLH
tPHL
Propagation
Delay Time
4.5
13
21
26
32
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
39
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/4 (per Gate)
SWITCHING CHARACTERISTICS TEST CIRCUIT
INPUT WAVEFORM IS THE SAVE AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
TEST CIRCUIT ICC (Opr.)
M54/M74HCT32
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com