Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30L06G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH30L06G
Description  Ultrafast High Voltage Rectifer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH30L06G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH30L06G Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH30L06G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast High Voltage Rectifer
STTH30L06G
www.iscsemi.com
1
FEATURES
· Ultrafast Switching
· Low Reverse Current
· Low Thermal Resistance
APPLICATIONS
· Switching Power Supplies
· Power Switching Circuits
· General Purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(RMS)
RMS Forward Voltage
30
A
IF(AV)
Average Rectified Forward Current
δ
= 0.5,TC=125℃
30
A
IFSM
Non-repetitive Peak Surge Current
tp = 10ms Sinusoidal
160
A
PD
Power Dissipation
125
W
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.1
℃
/W


Similar Part No. - STTH30L06G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30L06G STMICROELECTRONICS-STTH30L06G Datasheet
136Kb / 9P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
21-Oct-2004
STTH30L06G STMICROELECTRONICS-STTH30L06G Datasheet
157Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH30L06G-TR STMICROELECTRONICS-STTH30L06G-TR Datasheet
136Kb / 9P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
21-Oct-2004
STTH30L06G-TR STMICROELECTRONICS-STTH30L06G-TR Datasheet
157Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
logo
Inchange Semiconductor ...
STTH30L06G-TR ISC-STTH30L06G-TR Datasheet
276Kb / 3P
Ultrafast Recovery Diode
More results

Similar Description - STTH30L06G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
logo
STMicroelectronics
STPS61L60C STMICROELECTRONICS-STPS61L60C Datasheet
122Kb / 8P
Power Schottky rectifer
18-May-2009
logo
Solid States Devices, I...
SSR2008M SSDI-SSR2008M_1 Datasheet
97Kb / 2P
SCHOTTKY RECTIFER
logo
Vishay Siliconix
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
logo
Central Semiconductor C...
CR250-2 CENTRAL-CR250-2 Datasheet
194Kb / 2P
HIGH VOLTAGE SILICON RECTIFER 2000 THRU 4000 VOLTS 200mA
logo
Solid States Devices, I...
RH0075 SSDI-RH0075 Datasheet
214Kb / 2P
RECTIFER
RS0087 SSDI-RS0087 Datasheet
173Kb / 2P
RECTIFER
RS0091J SSDI-RS0091J Datasheet
97Kb / 2P
RECTIFER
logo
Vishay Siliconix
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com