Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3D80C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TMG3D80C
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TMG3D80C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TMG3D80C Datasheet HTML 1Page - Inchange Semiconductor Company Limited TMG3D80C Datasheet HTML 2Page - Inchange Semiconductor Company Limited TMG3D80C Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Triacs
TMG3D80C
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VR=VRRM, TJ= 25℃
1
uA
IDRM
Repetitive Peak Off-state Current
VD=VDRM, TJ= 25℃
1
uA
IGT
Gate Trigger Current
Ⅰ
VD=12V, RL=10Ω
5
mA
Ⅱ
5
Ⅲ
5
IV
10
VGT
Gate Trigger Voltage
Ⅰ
VD=12V, RL=10Ω
1.5
V
Ⅱ
1.5
Ⅲ
1.5
IV
2.0
VTM
On-state Voltage
IT= 4.5A
1.4
V
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com