Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2403MGU-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2403MGU-RTP
Description  ANT,MAGMNT 900MHz/2.4GHz 3 dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2403MGU-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2403MGU-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.90
99.14
SEE TABLE FOR
CONNECTOR TYPE
10 FOOT CONNECTOR PIGTAIL
3.00
76.2
NOTES:
1. ANTENNA ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PKG-00012.
RoHS Compliant 
MODEL HG2403MGU-
CONNECTOR
SUFFIX
CONNECTOR TYPE
BM
BNC MALE
NF
N-FEMALE
NM
N-MALE
RSP
RP SMA-PLUG
RTP
RP TNC-PLUG
SM
SMA MALE
TM
TNC-MALE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2403MGU
A
HG2403MGU.SLDDRW
1
1
K. BURGNER
3/9/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
3/9/11
3/15/11
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ANT,MAGMNT 900MHz/2.4GHz 3 dBi
ANTENNAS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
3/8/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - HG2403MGU-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2403MGU-RSP L-COM-HG2403MGU-RSP Datasheet
117Kb / 1P
ANT,MAGMNT 900MHz/2.4GHz 3 dBi
3/8/11
More results

Similar Description - HG2403MGU-RTP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51062 PASTERNACK-PE51062 Datasheet
59Kb / 1P
Mini Vertical Antenna 2300 MHz, 3 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
PE51065 PASTERNACK-PE51065 Datasheet
59Kb / 1P
Mini Vertical Antenna 3500 MHz, 3 dBi
logo
List of Unclassifed Man...
ANT-315-SP ETC2-ANT-315-SP Datasheet
286Kb / 1P
ANT-315-SP
logo
Taoglas antenna solutio...
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21_18 Datasheet
877Kb / 12P
Barracuda - 3 dBi Penta-band Cellular
logo
PHOENIX CONTACT
2867791 PHOENIX-2867791 Datasheet
93Kb / 1P
RAD-ISM-900-ANT-OMNI-FG-3-N
2867801 PHOENIX-2867801 Datasheet
79Kb / 3P
RAD-ISM-900-ANT-YAGI-3-N
2885702 PHOENIX-2885702 Datasheet
98Kb / 3P
RAD-ISM-2400-ANT-VAN- 3-1-MCX
2885867 PHOENIX-2885867 Datasheet
98Kb / 3P
RAD-ISM-2400-ANT-VAN- 3-0-SMA
logo
Nordic Semiconductor
NRF52832 NORDIC-NRF52832 Datasheet
230Kb / 2P
Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT and 2.4GHz proprietary System-on-Chip
Version 1.7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com