Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2403MGURW-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2403MGURW-RSP
Description  ANT,MAGMNT 2.4GHz 3dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2403MGURW-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2403MGURW-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.65
92.6
SEE TABLE FOR
CONNECTOR TYPE
10 FOOT CONNECTOR PIGTAIL
WHITE
3.00
76.2
NOTES:
1. ANTENNA ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PKG-00012.
RoHS Compliant 
MODEL HG2403MGURW-
CONNECTOR
SUFFIX
CONNECTOR TYPE
NF
N-FEMALE
NM
N-MALE
RSP
RP SMA-PLUG
RTP
RP TNC-PLUG
SM
SMA MALE
TM
TNC MALE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2403MGURW
A
HG2403MGURW.SLDDRW
1
1
K. BURGNER
3/9/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
3/9/11
3/17/11
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ANT,MAGMNT 2.4GHz 3dBi
ANTENNAS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
3/4/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - HG2403MGURW-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2403MGURW-RTP L-COM-HG2403MGURW-RTP Datasheet
116Kb / 1P
ANT,MAGMNT 2.4GHz 3dBi
3/4/11
More results

Similar Description - HG2403MGURW-RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-315-SP ETC2-ANT-315-SP Datasheet
286Kb / 1P
ANT-315-SP
ANT-418-CW-RAH ETC2-ANT-418-CW-RAH Datasheet
130Kb / 1P
ANT-418-CW-RAH
ANT-868-JJB-RA ETC2-ANT-868-JJB-RA Datasheet
179Kb / 1P
ANT-868-JJB-XX
ANT-315-HESM ETC2-ANT-315-HESM Datasheet
86Kb / 1P
ANT-315-HETH
ANT-433-CW-RCS ETC2-ANT-433-CW-RCS Datasheet
131Kb / 1P
ANT-433-CW-RCS
logo
Taoglas antenna solutio...
WMA01301151 TAOGLAS-WMA01301151 Datasheet
765Kb / 16P
Trinity 3dBi 2.4/2.5GHz MIMO Antenna
GW152113 TAOGLAS-GW152113 Datasheet
3Mb / 66P
2.4GHz 3dBi Screw mount Dipole Antenna
GW593153 TAOGLAS-GW593153 Datasheet
1Mb / 16P
2.4GHz/5.1~5.85GHz 3dBi Screw mount Dipole Antenna
logo
PHOENIX CONTACT
2885870 PHOENIX-2885870 Datasheet
98Kb / 3P
RAD-ANT-VAN-MKT
logo
Nordic Semiconductor
NRF52832 NORDIC-NRF52832 Datasheet
230Kb / 2P
Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT and 2.4GHz proprietary System-on-Chip
Version 1.7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com