Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC692B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC692B1R
Description  HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC692B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC692B1R Datasheet HTML 1Page - STMicroelectronics M54HC692B1R Datasheet HTML 2Page - STMicroelectronics M54HC692B1R Datasheet HTML 3Page - STMicroelectronics M54HC692B1R Datasheet HTML 4Page - STMicroelectronics M54HC692B1R Datasheet HTML 5Page - STMicroelectronics M54HC692B1R Datasheet HTML 6Page - STMicroelectronics M54HC692B1R Datasheet HTML 7Page - STMicroelectronics M54HC692B1R Datasheet HTML 8Page - STMicroelectronics M54HC692B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
counter’s outputs are stored in the output register at
the positive edge of the register clock (RCK). If the
register clear input (RCLR) is held ”L” the register is
cleared (synchronously
to
register
clock for
HC692/HC693
and
asynchronously
for
HC690/HC691). All inputs are equipped with protec-
tion circuits against static discharge and transient
excess voltage.
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
3 to 6
A to D
Data Inputs
7, 14
ENT, ENP
Enable Inputs
15 to 18
QA to QD
Data Outputs
1
CCLR
Counter Clear (Active
LOW)
2
CCK
Counter Clock
11
R/C
Counter/ Register Select
8
RCLR
Register Clear (Active
LOW)
9
RCK
Register Clock
19
RCO
Ripple Counter Output
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
IEC LOGIC SYMBOLS
HC691
HC692
HC693
HC690
M54/M74HC690/691/692/693
2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com