Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP30709NMB Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30709NMB
Description  FEEDTHROUGH CONNECTOR FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30709NMB Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30709NMB Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
02/2021
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
Material:
2. Current rating: 1.5 A max
Notes:
1. Voltage rating: 30V AC
4. Insulation resistance: 20MΩ min
2. Frame: Diecast, Nickel or Black plated
5. Dielectric withstanding voltage: 500V AC
3. Inner Overmouldings: PE + PVC
5. Contacts: Gold Plated
6. Operating Temperature: -20°C to 50°C
3. Contact resistance: 50mΩ max
1. Insert: ABS
4. Shell: Nickel plated steel
CP30709NMBX1
DUALSLIM USB2.0 A-B Black metal frame, Ø3.2 PLAIN holes
CP30709NM3
DUALSLIM USB2.0 A-B Nickel frame, M3 holes
CP30709NMB3
DUALSLIM USB2.0 A-B Black metal frame, M3 holes
CP30709NMB
DUALSLIM USB2.0 A-B Black metal frame, CSK holes
CP30709NM440
DUALSLIM USB2.0 A-B Nickel frame, #4-40 holes
CP30709NMB440 DUALSLIM USB2.0 A-B Black metal frame, #4-40 holes
VARIANTS
Part No.
CP30709NM
DUALSLIM USB2.0 A-B Nickel frame, CSK holes
CP30709NMX1
DUALSLIM USB2.0 A-B Nickel frame, Ø3.2 PLAIN holes
General:
—
Various hole mounting options.
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
—
Fits standard
cutout.
rectangular
—
Front or rear mounting through the panel.
—
No soldering or punch termination. Use standard cable for each
connector style.
—
Low rear profile.
Feedthrough Features
FEEDTHROUGH CONNECTOR
DUALSLIM USB2.0 A-B METAL FRAME
Can be front or rear mounted in the panel


Similar Part No. - CP30709NMB

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30709N CLIFF-CP30709N Datasheet
330Kb / 1P
DUALSLIM USB2.0 A-B FEEDTHROUGH CONNECTOR
CP30709NX CLIFF-CP30709NX Datasheet
330Kb / 1P
DUALSLIM USB2.0 A-B FEEDTHROUGH CONNECTOR
CP30709NX1 CLIFF-CP30709NX1 Datasheet
330Kb / 1P
DUALSLIM USB2.0 A-B FEEDTHROUGH CONNECTOR
More results

Similar Description - CP30709NMB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-043C GLENAIR-180-043C Datasheet
184Kb / 1P
Feedthrough Probe Connector for
180-049C GLENAIR-180-049C Datasheet
184Kb / 1P
Feedthrough Probe Connector
180-050C GLENAIR-180-050C Datasheet
175Kb / 1P
Feedthrough Probe Connector
logo
Electronic Components L...
CP30202 CLIFF-CP30202 Datasheet
258Kb / 1P
MINI DISPLAYPORT FEEDTHROUGH CONNECTOR
CP30217 CLIFF-CP30217 Datasheet
264Kb / 1P
TOSLINK FEEDTHROUGH CONNECTOR
05/2020
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
CP30227 CLIFF-CP30227 Datasheet
389Kb / 1P
CAT6 IDC FEEDTHROUGH CONNECTOR
04/2020
CP30230 CLIFF-CP30230 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
CP30231 CLIFF-CP30231 Datasheet
458Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
CP30241 CLIFF-CP30241 Datasheet
249Kb / 1P
BLANK FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com