Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HCT541 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HCT541
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT541 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HCT541 Datasheet HTML 1Page - STMicroelectronics M54HCT541 Datasheet HTML 2Page - STMicroelectronics M54HCT541 Datasheet HTML 3Page - STMicroelectronics M54HCT541 Datasheet HTML 4Page - STMicroelectronics M54HCT541 Datasheet HTML 5Page - STMicroelectronics M54HCT541 Datasheet HTML 6Page - STMicroelectronics M54HCT541 Datasheet HTML 7Page - STMicroelectronics M54HCT541 Datasheet HTML 8Page - STMicroelectronics M54HCT541 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HCT540/541
M74HCT540/541
October 1993
HCT540: INVERTED - HCT541 NON INVERTED
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
B1R
(Plastic Package)
ORDER CODES :
M54HCTXXXF1R
M74HCTXXXM1R
M74HCTXXXB1R
M74HCTXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
HIGH SPEED
tPD = 10 ns (TYP.) at VCC =5V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 oC
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS540/541
DESCRIPTION
The M54/74HCT540 and HCT541 are high speed
CMOS
OCTAL
BUS
BUFFERS
(3-STATE)
fabricated in silicon gate C
2MOS technology. They
have the same high speed performance of LSTTL
combined with true CMOS low power consumption.
The HCT540 is an inverting buffer and HCT541 is a
non inverting buffer.
The 3 STATE control gate operates as a two input
AND such that if either G1 and G2 are high, all eight
outputs are in the high impedance state. In order to
enhance PC board layout, the HCT540 and
HCT541 offers a pinout having inputs and outputs
on opposite sides of the package. All inputs are
equipped with protection circuits against static
discharge and transient excess voltage.
This integrated circuit has input and output
characteristics that are fully compatible with 54/74
LSTTL logic families. M54/74HCT devices are
designed to directly interface HSC
2MOS systems
with TTL and NMOS components. They are also
plug in replacements for LSTTL devices giving a
reduction of power consumption.
IT IS PROHIBITED TO APPLY A SIGNAL TO BUS
TERMINAL WHEN IT IS IN OUTPUT MODE.
WHEN A BUS TERMINAL IS FLOATING (HIGH
IMPEDANCE STATE) IT IS REQUESTED TO FIX
THE INPUT LEVEL BY MEANS OF EXTERNAL
PULL DOWN OR PULL UP RESISTOR.
HCT541
HCT540
1/12


Similar Part No. - M54HCT541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT533 STMICROELECTRONICS-M54HCT533 Datasheet
269Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT373 NON INVERTING - HCT533 INVERTING
Oct-1993
M54HCT533F1R STMICROELECTRONICS-M54HCT533F1R Datasheet
269Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT373 NON INVERTING - HCT533 INVERTING
Oct-1993
M54HCT563 STMICROELECTRONICS-M54HCT563 Datasheet
269Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
Oct-1993
M54HCT563F1R STMICROELECTRONICS-M54HCT563F1R Datasheet
269Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
Oct-1993
M54HCT564 STMICROELECTRONICS-M54HCT564 Datasheet
268Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HCT564 INVERTING - HCT574 NON INVERTING
Sep-1993
More results

Similar Description - M54HCT541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Jul-2001
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Nov-1998
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com