Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CES560 Datasheet(PDF) 4 Page - Clarke International

Part # CES560
Description  ENGINE STAND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CES560 Datasheet(HTML) 4 Page - Clarke International

  CES560 Datasheet HTML 1Page - Clarke International CES560 Datasheet HTML 2Page - Clarke International CES560 Datasheet HTML 3Page - Clarke International CES560 Datasheet HTML 4Page - Clarke International CES560 Datasheet HTML 5Page - Clarke International CES560 Datasheet HTML 6Page - Clarke International CES560 Datasheet HTML 7Page - Clarke International CES560 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
UNPACKING & ASSEMBLY
Unpack the components on a clean flat area of hard standing, and ensure
that all parts are present according to the packing list, as follows:
Visually inspect all components to ensure that no damage was suffered in
transit. Any deficiencies should be reported to your CLARKE dealer
immediately.
TOOLS REQUIRED
• Open or ratchet ring spanner (19 mm) or an adjustable wrench.
1
1 x Column assembly
6
1 x Mounting plate
2
1 x Rear cross-member
7
1 x Mounting plate handle
3
2 x Side arms
8
4 x Mounting Arms
4
2 x Castors with brake
9
1 x Parts tray
5
2 x Wheels
10
1 x Fixings kit including nuts, bolts,
washers and locating pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com