Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002BB120K3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29F002BB120K3
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002BB120K3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29F002BB120K3 Datasheet HTML 14Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 15Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 16Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 17Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 18Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 19Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 20Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 21Page - STMicroelectronics M29F002BB120K3 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
M29F002BT, M29F002BB, M29F002BNT, M29F002BNB
PDIP32 - 32 lead Plastic DIP, 600 mils width, Package Outline
Note: 1. Drawing is not to scale.
PDIP32 - 32 lead Plastic DIP, 600 mils width, Package Mechanical Data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
–
5.08
–
0.2000
A1
0.38
–
0.0150
–
A2
3.56
4.06
0.1402
0.1598
B
0.38
0.51
0.0150
0.0201
B1
1.52
–
–
0.0598
–
–
C
0.20
0.30
0.0079
0.0118
D
41.78
42.04
1.6449
1.6551
D2
38.10
–
–
1.5000
–
–
E
15.24
–
–
0.6000
–
–
E1
13.59
13.84
0.5350
0.5449
e1
2.54
–
–
0.1000
–
–
eA
15.24
–
–
0.6000
–
–
eB
15.24
17.78
0.6000
0.7000
L
3.18
3.43
0.1252
0.1350
S
1.78
2.03
0.0701
0.0799
α
0°
10°
0°
10°
N32
32
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
eB
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com