Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2403RD-1-RTF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2403RD-1-RTF
Description  ANTRUBBER DUCK 2.4GHz 3dBi RP-TNC PLUG CON
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2403RD-1-RTF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2403RD-1-RTF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAY OCCUR
03/22/18
A
B
C
B.PUCHASKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2403RD-1-RTF
A
HG2403RD-1-RTF.SLDDRW
11
J.LABOY
03/22/18
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
M.MILLER
03/22/18
03/23/18
A
REV A DRAWING RELEASED
JLABOY
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
RP-TNC PLUG CON
ANTENNA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
43321
ANTRUBBER DUCK 2.4GHz 3dBi
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
DIMENSIONS
PLUG
ARE
METRIC
RP-TNC
NOTES:
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031
- ALL DIMENSIONS FOR REFERENCE-
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)


Similar Part No. - HG2403RD-1-RTF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2403RD-1-RSF L-COM-HG2403RD-1-RSF Datasheet
125Kb / 1P
ANTRUBBER DUCK 2.4GHz 3dBi RP-SMA PLUG CON
03/30/18
More results

Similar Description - HG2403RD-1-RTF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-5679 AMPHENOL-031-5679 Datasheet
567Kb / 1P
Reverse Polarity RP-TNC Connectors
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51081 PASTERNACK-PE51081 Datasheet
88Kb / 1P
Rubber Duck Antenna 2400- 2500 & 4900-5825 MHz,2dBi & 3dBi
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Taoglas antenna solutio...
GW152113 TAOGLAS-GW152113 Datasheet
3Mb / 66P
2.4GHz 3dBi Screw mount Dipole Antenna
GW593153 TAOGLAS-GW593153 Datasheet
1Mb / 16P
2.4GHz/5.1~5.85GHz 3dBi Screw mount Dipole Antenna
logo
Molex Electronics Ltd.
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com