Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2403RD-RTF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2403RD-RTF
Description  2.4GHz 3dBi RUBBER DUCK ANTENNA W/RP-TNC PLUG CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2403RD-RTF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2403RD-RTF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.5 114
5.6 142
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
MAY OCCUR
10/20/11
43321
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
PROJECTION
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2403RD-RTF
A
HG2403RD-RTF.SLDDRW
11
P.PESA
10/20/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
10/20/11
10/20/11
A
-
INTERNAL RELEASE
-
-
B.PUCHASKI
UNLESS OTHERWISE SPECIFIED,
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
B.PUCHASKI
COLOR VARIATIONS
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
RoHS Compliant 
2.4GHz 3dBi RUBBER DUCK ANTENNA
ANTENNA
W/RP-TNC PLUG CONNECTOR
NOTES:
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00031
.6 15
RP-TNC
PLUG


Similar Part No. - HG2403RD-RTF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2403RD-RTF L-COM-HG2403RD-RTF Datasheet
116Kb / 2P
HyperLink Wireless 2.4 GHz 3 dBi Rubber Duck Antenna
More results

Similar Description - HG2403RD-RTF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51081 PASTERNACK-PE51081 Datasheet
88Kb / 1P
Rubber Duck Antenna 2400- 2500 & 4900-5825 MHz,2dBi & 3dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51095 PASTERNACK-PE51095 Datasheet
296Kb / 1P
Mini Tri-Band Rubber Duck Antenna 2dBi
logo
Taoglas antenna solutio...
GW152113 TAOGLAS-GW152113 Datasheet
3Mb / 66P
2.4GHz 3dBi Screw mount Dipole Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com