Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107FBZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL28107FBZ
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107FBZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL28107FBZ Datasheet HTML 17Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 18Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 19Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 20Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 21Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 22Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 23Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 24Page - Renesas Technology Corp ISL28107FBZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 21 of 32
Aug 30, 2024
ISL28107, ISL28207, ISL28407 SPICE Model
Figure 56 shows the SPICE model schematic, and Figure 57 shows
the net list for the ISL28107, ISL28207 and ISL28407 SPICE
model. The model is a simplified version of the actual device and
simulates important AC and DC parameters. AC parameters
incorporated into the model are: 1/f and flatband noise, Slew
Rate, CMRR, Gain and Phase. The DC parameters are VOS, IOS,
total supply current and output voltage swing. The model uses
typical parameters given in the “Electrical Specifications” table
beginning on page 6. AVOL is adjusted for 155dB with the
dominant pole at 0.01Hz. CMRR is set (145dB, fcm = 100Hz). The
input stage models the actual device to present an accurate AC
representation. The model is configured for ambient temperature
of +25°C.
Figures 58 through 68 show the characterization vs simulation
results for the Noise Voltage, Closed Loop Gain vs Frequency,
Closed Loop Gain vs RL, Large Signal Step Response, Open Loop
Gain Phase and Simulated CMRR vs Frequency.
License Statement
The information in this SPICE model is protected under the
United States copyright laws. Intersil Corporation hereby grants
users of this macro-model hereto referred to as “Licensee”, a
nonexclusive, nontransferable licence to use this model as long
as the Licensee abides by the terms of this agreement. Before
using this macro-model, the Licensee should read this license. If
the Licensee does not accept these terms, permission to use the
model is not granted.
The Licensee may not sell, loan, rent, or license the macro-model,
in whole, in part, or in modified form, to anyone outside the
Licensee’s company. The Licensee may modify the macro-model
to suit his/her specific applications, and the Licensee may make
copies of this macro-model for use within their company only.
This macro-model is provided “AS IS, WHERE IS, AND WITH NO
WARRANTY OF ANY KIND EITHER EXPRESSED OR IMPLIED,
INCLUDING BUY NOT LIMITED TO ANY IMPLIED WARRANTIES OF
MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.”
In no event will Intersil be liable for special, collateral, incidental, or
consequential damages in connection with or arising out of the
use of this macro-model. Intersil reserves the right to make
changes to the product and the macro-model without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com